Electronic Components Datasheet Search
  English  ▼

X  

CRE6203 Datasheet(PDF) 3 Page - CRE Semiconductor Inc.

Part # CRE6203
Description  PWM Controller of High-performance Current Mode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRE [CRE Semiconductor Inc.]
Direct Link  http://en.cresemi.com/
Logo CRE - CRE Semiconductor Inc.

CRE6203 Datasheet(HTML) 3 Page - CRE Semiconductor Inc.

  CRE6203 Datasheet HTML 1Page - CRE Semiconductor Inc. CRE6203 Datasheet HTML 2Page - CRE Semiconductor Inc. CRE6203 Datasheet HTML 3Page - CRE Semiconductor Inc. CRE6203 Datasheet HTML 4Page - CRE Semiconductor Inc. CRE6203 Datasheet HTML 5Page - CRE Semiconductor Inc. CRE6203 Datasheet HTML 6Page - CRE Semiconductor Inc. CRE6203 Datasheet HTML 7Page - CRE Semiconductor Inc. CRE6203 Datasheet HTML 8Page - CRE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
(3)
Pin Configuration
The pin map is shown as below for DIP8.
Absolute Maximum Ratings
TERMINAL ASSIGNMENTS
GENERAL INFORMATION
PWM Controller of High-performance Current Mode
Product Specification
CRE6203
+260℃,10S
Welding temperature
-55 — +150℃
Deposit temperature range
0—﹢125℃
Operating temperature range
1000mW
Total dissipation power
800mA
Switching current of peak value
-0.3-800V
Endurance voltage of OC collector
VCC+0.3V
Pins input voltage
16V
Startup input voltage
16V
Power supply voltage VCC
Value
Parameter
Output pins, meet switching transformer
OC
7,8
Switching current sampling and limit enactment, sampling resistance of external
current
IS
6
Supply electric pins
VCC
2
Base electrode of power tube, control terminal of start-up current , external startup
resistance
OB
1
Feedback pins
FB
5
Oscillate pins, external timing capacitance
CT
4
Meet grounding pins
GND
3
Pins Description
Symbol
Pins
MARKING INFORAMTION
CRE6203
CRE Semiconductor Inc.
CRE6203
YYWW
CRE6203: Product Name
YY: Year Code (0~9)
WW: Week Code (01~52)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com