Electronic Components Datasheet Search
  English  ▼

X  

CRE6203 Datasheet(PDF) 7 Page - CRE Semiconductor Inc.

Part # CRE6203
Description  PWM Controller of High-performance Current Mode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRE [CRE Semiconductor Inc.]
Direct Link  http://en.cresemi.com/
Logo CRE - CRE Semiconductor Inc.

CRE6203 Datasheet(HTML) 7 Page - CRE Semiconductor Inc.

  CRE6203 Datasheet HTML 1Page - CRE Semiconductor Inc. CRE6203 Datasheet HTML 2Page - CRE Semiconductor Inc. CRE6203 Datasheet HTML 3Page - CRE Semiconductor Inc. CRE6203 Datasheet HTML 4Page - CRE Semiconductor Inc. CRE6203 Datasheet HTML 5Page - CRE Semiconductor Inc. CRE6203 Datasheet HTML 6Page - CRE Semiconductor Inc. CRE6203 Datasheet HTML 7Page - CRE Semiconductor Inc. CRE6203 Datasheet HTML 8Page - CRE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
(7)
Electric Parameter Definitions
   Start-up receives current: The current of OC when
there’s a 0.5mA pull down current of OB in the start-up
period.
.
  Start-up static current:The minimum current
sourcing current which can enable VCC surging when
VCC is connected to a filter capacitor and an adjustable
current sourcing, CT is connected to a 680pF capacitor,
and other pins with no connection.
.
  Start-up voltage:The maximum of VCC above.
  Re-start-up voltage:The minimum of VCC above.
  Oscillator shut-down voltage:The negative-edge of
VCC above; the value of VCC which can stop the
oscillator.
.
  Static current: The VCC power supply current in
normal period when FB is connected to the ground by
a 1.0KΩ resistance.
.
  Oscillator pull up/pull down current: The pull up/pull
down current of CT when FB=2.5V and CT=1.25V in
normal period.
.
  FB pull up current: which occurs in normal period,
when FB=2.5V, and IS=0A .
.
  FB upper current protection: The pull down current
of FB when FB=6V and IS=0.6A in normal period.
  Inside feedback power supply: The value of VCC
when there is no feedback circuit of CRE6203 in normal
period.
.
  OC upper limit current: If FB=6V, the minimum OC
current when there is pull down current in FB.
  Oscillator cycle: Which is the function of the
capacitor connected to CT, about CT*25400 seconds.
  Current control switching power supply with
fly-back design, discontinuous current operation mode.
  The power supply start-up current is 0.5-2mA
which is alternative. The magnification of power
transistor Q1 can be supposed as 10. Then the
alternation of the start-up resistance must assure the
current of the power transistor’s base is between
0.05mA to 0.2mA. Therefore, the power of the output
resistance can reduce to 1/10, which reduces the
power in idle state .
.
  In diagram 3, C3=680pF, the maximum operation
frequency is about 67KHz .
.
  The reference winding rectifier output is 4.8~9.0V
(6V is recommended) of the Switching transformer (T1
in diagram 3), which provide operation power for
CRE6203.
.
  The maximum primary peak current of the
switching transformer is 0.6A. When at wide voltage or
110V Vac , or 85V magnetism dissipation voltage, the
maximum output power can achieve more than 12W.
  The OC (Pin 7, 8) of CRE6203 is in high voltage,
and IS (Pin 6, for current sense resister) is connected.
Therefore, it is easy to open a divider between pin 6
and 7 to meet the requirement of the safe regulation.
  Although there is over-temperature protection,
when high-power output is needed without considering
PCB heat dissipation, the output power and voltage
may fall.
.
PWM Controller of High-performance Current Mode
Product Specification
Power Supply Design Points
CRE6203
CRE Semiconductor Inc.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com