Electronic Components Datasheet Search
  English  ▼

X  

CRE6203 Datasheet(PDF) 4 Page - CRE Semiconductor Inc.

Part # CRE6203
Description  PWM Controller of High-performance Current Mode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRE [CRE Semiconductor Inc.]
Direct Link  http://en.cresemi.com/
Logo CRE - CRE Semiconductor Inc.

CRE6203 Datasheet(HTML) 4 Page - CRE Semiconductor Inc.

  CRE6203 Datasheet HTML 1Page - CRE Semiconductor Inc. CRE6203 Datasheet HTML 2Page - CRE Semiconductor Inc. CRE6203 Datasheet HTML 3Page - CRE Semiconductor Inc. CRE6203 Datasheet HTML 4Page - CRE Semiconductor Inc. CRE6203 Datasheet HTML 5Page - CRE Semiconductor Inc. CRE6203 Datasheet HTML 6Page - CRE Semiconductor Inc. CRE6203 Datasheet HTML 7Page - CRE Semiconductor Inc. CRE6203 Datasheet HTML 8Page - CRE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
(4)
BLOCK DIAGRAM
PWM Controller of High-performance Current Mode
Product Specification
ELECTRICAL CHARACTERISTICS
(TA = 25C, VCC = 5.5-5.7V, Ct=680pF, RS=1ohm , if not otherwise noted)
dB
70
60
Power Supply Suppression Ratio
A
V
UNIT
0.27
0.60
TYP
0.29
0.25
I
L
Anti-Upper Limiting Current
0.65
0.55
V
CS
Current Sampling Threshold
Current Sampling Section
MAX
MIN
TEST CONDITIONS
Symbol
PARAMETER
Notes:
1. Maximum practical continuous power in an open frame design with sufficient drain pattern as a heat sink, at 50℃
ambient.
OUTPUT POWER TABLE
DIP8
12W
15W
CRE6203
Open Frame
Open Frame
Package
85-264VAC
230VAC±15%
Product
CRE6203
CRE Semiconductor Inc.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com