Electronic Components Datasheet Search
  English  ▼

X  

ES1B Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # ES1B
Description  Infrared Thermosensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ES1B Datasheet(HTML) 1 Page - Omron Electronics LLC

  ES1B Datasheet HTML 1Page - Omron Electronics LLC ES1B Datasheet HTML 2Page - Omron Electronics LLC ES1B Datasheet HTML 3Page - Omron Electronics LLC ES1B Datasheet HTML 4Page - Omron Electronics LLC ES1B Datasheet HTML 5Page - Omron Electronics LLC ES1B Datasheet HTML 6Page - Omron Electronics LLC ES1B Datasheet HTML 7Page - Omron Electronics LLC ES1B Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Infrared Thermosensor
ES1B
1
Infrared Thermosensor
ES1B
Achieve Low-cost Measurements with an
Infrared Thermosensor.
• The ES1B has an electromotive output as high as that of a
thermocouple, thus connecting directly to the thermocouple input
terminal of the Temperature Controller is possible.
• Four temperature ranges are available to cover a wide range of
temperature measurement needs, including those in the food
processing, packaging, molding, and electronics industries.
• High-accuracy temperature measurement is ensured by a high-
speed response of 300 ms (for a 63% response) and an indication
reproducibility of
±1% PV.
• Unlike thermocouples, the Thermosensor does not deteriorate.
Therefore, stable, real-time temperature control can be
maintained.
Ordering Information
■ List of Models
Application Examples
Appearance and sensing characteristic
Specification (temperature range)
Model
10 to 70
°CES1B
60 to 120
°C
115 to 165
°C
140 to 260
°C
2 dia.
20 dia.
2 mm
20 mm
40 mm
60 mm
40 dia.
60 dia.
ES1B
Film
Vertically
heating rolls
Horizontally
heating rolls
Temperature Control of Ironing Portion
Temperature Measurement of Sheet Molding
Machines and Resin Extrusion Machines
Detecting Excessive Heat Radiation
of Bearings
ES1B
High-tension line
High-tension
distribution
panel
Detecting Excessive Heat Radiation of
High-tension Distribution Boards or Transformers
ES1B
Molding trays
Conveyor
Resin
ES1B
Bearing
DC
power
supply
DC
power
supply
Note: 1. Either a 12 VDC or 24 VDC power supply
is required for the ES1B.
2. The ES1B cannot be used with OM-
RON’s
E5ZE Multipoint
Temperature
Controller. (It can be used with the E5ZN,
E5AR, and E5ER.)


Similar Part No. - ES1B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ES1B PANJIT-ES1B Datasheet
63Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
NXP Semiconductors
ES1B PHILIPS-ES1B Datasheet
59Kb / 12P
SMA ultra fast low-loss controlled avalanche rectifiers
2000 Feb 14
ES1B PHILIPS-ES1B Datasheet
52Kb / 8P
Ultra fast low-loss controlled avalanche rectifiers
2000 Feb 14
logo
Surge Components
ES1B SURGE-ES1B Datasheet
83Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 - 600 Volts CURRENT - 1.0 Amperes?
logo
Transys Electronics
ES1B TRSYS-ES1B Datasheet
184Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
More results

Similar Description - ES1B

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
TLN233 TOREX-TLN233 Datasheet
140Kb / 5P
TOSHIBA Infrared LED GaALAs Infrared Emitter
logo
Toshiba Semiconductor
TLN110 TOSHIBA-TLN110 Datasheet
288Kb / 6P
INFRARED LED GAAS INFRARED EMITTER
TLN107A TOSHIBA-TLN107A Datasheet
185Kb / 4P
INFRARED LED GaAS INFRARED EMITTER
TLN105B TOSHIBA-TLN105B_07 Datasheet
200Kb / 6P
INFRARED LED GAAS INFRARED EMITTER
TLN110 TOSHIBA-TLN110_07 Datasheet
198Kb / 6P
INFRARED LED GAAS INFRARED EMITTER
TLN115A TOSHIBA-TLN115A_07 Datasheet
203Kb / 6P
Infrared LED GaAs Infrared Emitter
TLN119 TOSHIBA-TLN119_07 Datasheet
199Kb / 5P
Infrared LED GaAs Infrared Emitter
logo
Lite-On Technology Corp...
LTE-C1901-ZF LITEON-LTE-C1901-ZF Datasheet
466Kb / 7P
Infrared
LTE-S9511TS-R LITEON-LTE-S9511TS-R Datasheet
338Kb / 9P
Infrared
LTE-3273DL LITEON-LTE-3273DL Datasheet
257Kb / 4P
Infrared
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com