Electronic Components Datasheet Search
  English  ▼

X  

ES1B Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # ES1B
Description  Infrared Thermosensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ES1B Datasheet(HTML) 4 Page - Omron Electronics LLC

  ES1B Datasheet HTML 1Page - Omron Electronics LLC ES1B Datasheet HTML 2Page - Omron Electronics LLC ES1B Datasheet HTML 3Page - Omron Electronics LLC ES1B Datasheet HTML 4Page - Omron Electronics LLC ES1B Datasheet HTML 5Page - Omron Electronics LLC ES1B Datasheet HTML 6Page - Omron Electronics LLC ES1B Datasheet HTML 7Page - Omron Electronics LLC ES1B Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Infrared Thermosensor
ES1B
■ One-point Input Shift
Preparations
• Set a temperature input range that is suitable for the input
specifications of the Infrared Thermosensor.
• Prepare a thermometer to measure the temperature of the sensing
object as shown in figure 1, below.
Configuration for Offsetting the Infrared
Thermosensor Input (Figure 1)
Example for the E5CN
1. Adjust the temperature of the sensing object in the configuration
shown in figure 1 to near the set point. We will assume that the
temperature indicated on the thermometer is the actual
temperature of the sensing object.
2. Check the temperature C of the sensing object and the
temperature A indicated on the Controller and set both the upper-
limit and lower-limit temperature input settings to the following
value:
Temperature C (sensing object)
- Temperature A (Controller)
3. Check the temperature C of the sensing object and the
temperature A indicated on the Controller again. If they are about
the same, then setting the offset has been completed.
Diagram of One-point Input Shift
■ Two-point Input Shift
Use a two-point input shift to output more accurate display values
than is possible with a 1-point input shift.
Preparations
Refer to the preparations for a one-point input shift.
1. The input value is shifted at two points: near room temperature
and near the set point. To do so, first check the temperature C of
the sensing object and the temperature A indicated on the
Controller at both near room temperature and near the set point.
2. Use the following formulas to calculate the upper-limit
temperature input and lower-limit temperature input settings
based on the values checked above.
Diagram of Two-point Input Shift
Lower-limit Temperature Input Setting
Upper-limit Temperature Input Setting
3. Set both the upper-limit and lower-limit temperature input settings
and then check the temperature C of the sensing object and the
temperature A indicated on the Controller both near room
temperature and near the set point.
4. Although here we have used two points, near room temperature
and near the set point, accuracy can be increased even further by
using another point within the measurement temperature range
other than the set value instead of room temperature.
−
+
(C) Sensing
object
ES1B Infrared
Thermosensor
Output
(+,
−)
Power supply
(+,
−)
(A) Temperature
Controller
(B) Thermometer
Power
Supply
insl
10
C
insh
10
C
Lower-limit
temperature input
Upper-limit
temperature input
Temperature indicated
by Controller (A)
Indicated temperature
after offset
(e.g., 120˚C)
Indicated temperature
before offset
(e.g., 110˚C)
0
After offset
Input offset value
(e.g., 10˚C)
Before offset
Temperature
indicated by
thermometer (B)
Near set point
(e.g., 120˚C)
insl=
YL
-Y1
´{(X2-Y2)-(X1-Y1)}+(X1-Y1)
Y2
-Y1
insh=
YH
-Y1
´{(X2-Y2)-(X1-Y1)}+(X1-Y1)
Y2
-Y1
0
Indicated temp. after
offset, X2 (e.g., 110˚C)
Indicated temp. before
offset,Y2 (e.g., 105˚C)
Indicated temp. after
offset, Y1 (e.g., 40˚C)
Indicated temp. after
offset, X1 (e.g., 25˚C)
X1, Room temp.
(e.g., 25˚C)
Lower limit of
set range,
YL (e.g., 0˚C)
Upper limit of
set range, YH
(e.g., 260˚C)
Upper-limit
temperature input
insh
Lower-limit
temperature
input
insl
Temperature indicated
by Controller (A)
After offset
Before offset
Temperature
indicated by
thermometer (B)
X2, Near set point
(e.g., 110˚C)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com