Electronic Components Datasheet Search
  English  ▼

X  

ES1B Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # ES1B
Description  Infrared Thermosensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ES1B Datasheet(HTML) 2 Page - Omron Electronics LLC

  ES1B Datasheet HTML 1Page - Omron Electronics LLC ES1B Datasheet HTML 2Page - Omron Electronics LLC ES1B Datasheet HTML 3Page - Omron Electronics LLC ES1B Datasheet HTML 4Page - Omron Electronics LLC ES1B Datasheet HTML 5Page - Omron Electronics LLC ES1B Datasheet HTML 6Page - Omron Electronics LLC ES1B Datasheet HTML 7Page - Omron Electronics LLC ES1B Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Infrared Thermosensor
ES1B
Specifications
■ Ratings/Characteristics
Note: 1. Based on characteristics of K-type thermocouple and radiation rate of 0.9.
2. The accuracy is given as the change in temperature from any reference temperature of the sensing object. For example, if the reference
temperature is 50
°C, the accuracy at 55°C would be ±2% PV or ±2°C, whichever is larger and the accuracy at 60°C would be ±4% PV
or
±4°C, whichever is larger.
Connections
Item
ES1B
Power supply voltage
12/24 VDC
Operating voltage range
90% to 110% of the power supply voltage
Current consumption
20 mA max.
Measuring temperature range
10 to 70
°C, 60 to 120°C, 115 to 165°C, 140 to 260°C
Accuracy
(See note 1.)
±5°C (See note 2.) ±2% PV or ±2°C, whichever is larger
±10°C (See note 2.) ±4% PV or ±4°C, whichever is larger
±30°C (See note 2.) ±6% PV or ±6°C, whichever is larger
±40°C (See note 2.) ±8% PV or ±8°C, whichever is larger
Reproducibility
±1% PV or ±1°C, whichever is larger
Temperature drift
0.4
°C/°C max.
Sensing distance vs. sensing diameter
1:1 typ.
Measurement wavelength
6.5 to 14.0
mm
Receiver element
Thermopile
Response speed
Approximately 300 ms at response rate of 63%
Output impedance
1 to 4 k
W
Operating temperature
-25°C to 70°C (with no icing or condensation)
Allowable ambient humidity
35% to 85%
Vibration resistance (destruction)
98 m/s2 for 2 hours each in X, Y, and Z directions at 10 to 55 Hz
Shock resistance (destruction)
300 m/s2 for 3 times each in X, Y, and Z directions
Casing material
ABS resin
Degree of protection
IP65
Weight
Approx. 120 g
Cable
Compensating conductor: 3 m
PVC-covered cable with a shield wire resisting 70
°C
Temperature Controller
Green, Output +
White, Output
−
+
-
Thermocouple
(K)
input terminals
DC power supply
Orange, Power +
Shield, Power
−
12/24 VDC
GND



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com