Electronic Components Datasheet Search
  English  ▼

X  

LTM4641 Datasheet(PDF) 8 Page - Linear Technology

Part # LTM4641
Description  EN55022B Compliant 36VIN, 15VOUT, 8A, DC/DC μModule Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4641 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTM4641 Datasheet HTML 4Page - Linear Technology LTM4641 Datasheet HTML 5Page - Linear Technology LTM4641 Datasheet HTML 6Page - Linear Technology LTM4641 Datasheet HTML 7Page - Linear Technology LTM4641 Datasheet HTML 8Page - Linear Technology LTM4641 Datasheet HTML 9Page - Linear Technology LTM4641 Datasheet HTML 10Page - Linear Technology LTM4641 Datasheet HTML 11Page - Linear Technology LTM4641 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
LTM4613
8
4613fd
For more information www.linear.com/LTM4613
VFB (Pin F12): The Negative Input of the Error Ampli-
fier. Internally, this pin is connected to VOUT with a 100k
0.5% precision resistor. Different output voltages can be
programmed with an additional resistor between the VFB
and SGND pins. See the Applications Information section.
MARG0 (Pin C12): LSB Logic Input for the Margining
Function. Together with the MARG1 pin, the MARG0 pin
will determine if a margin high, margin low, or no margin
state is applied. The pin has an internal pull-down resistor
of 50k. See the Applications Information section.
MARG1 (Pins C11, D12): MSB Logic Input for the Margin-
ing Function. Together with the MARG0 pin, the MARG1
pin will determine if a margin high, margin low, or no
marginstateisapplied.Thepinshaveaninternalpull-down
resistor of 50k. See the Applications Information section.
SGND (Pins D9, H12): Signal Ground Pins. These pins
connect to PGND at output capacitor point.
COMP (Pins A11, D11): Current Control Threshold and
Error Amplifier Compensation Point. The current com-
parator threshold increases with this control voltage. The
voltage ranges from 0V to 2.4V with 0.7V corresponding
to zero sense voltage (zero current).
PGOOD (Pin G12): Output Voltage Power Good Indicator.
Open-drain logic output that is pulled to ground when the
output voltage is not within ±10% of the regulation point,
after a 25µs power bad mask timer expires.
RUN (Pins A10, B9): Run Control Pins. A voltage above
1.9V will turn on the module, and below 1V will turn off
the module. A programmable UVLO function can be ac-
complished with a resistor from VIN to this pin that has a
5.1V Zener to ground. Maximum pin voltage is 5V.
MTP (Pins J12, K12, L12): No Connect Pins. Leave float-
ing. Used for mounting to PCB.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com