Electronic Components Datasheet Search
  English  ▼

X  

LTM4641 Datasheet(PDF) 9 Page - Linear Technology

Part # LTM4641
Description  EN55022B Compliant 36VIN, 15VOUT, 8A, DC/DC μModule Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4641 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTM4641 Datasheet HTML 5Page - Linear Technology LTM4641 Datasheet HTML 6Page - Linear Technology LTM4641 Datasheet HTML 7Page - Linear Technology LTM4641 Datasheet HTML 8Page - Linear Technology LTM4641 Datasheet HTML 9Page - Linear Technology LTM4641 Datasheet HTML 10Page - Linear Technology LTM4641 Datasheet HTML 11Page - Linear Technology LTM4641 Datasheet HTML 12Page - Linear Technology LTM4641 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
LTM4613
9
4613fd
For more information www.linear.com/LTM4613
BLOCK DIAGRAM
DECOUPLING REQUIREMENTS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CIN
External Input Capacitor Requirement
(VIN = 24V to 36V, VOUT = 12V)
IOUT = 8A
30
100
µF
COUT
External Output Capacitor Requirement
(VIN = 24V to 36V, VOUT = 12V)
IOUT = 8A
100
220
µF
Specifications are at TA = 25°C. Use Figure 1 configuration.
+
INTERNAL
COMP
SGND
COMP
PGOOD
RUN
> 1.9V = ON
< 1V = OFF
MAX = 5V
MARG1
MARG0
MPGM
FCB
PLLIN
CSS
INTVCC
DRVCC
TRACK/SS
VFB
fSET
50k
133k
RFB
5.23k
50k
100k
VOUT
5.1V
ZENER
POWER CONTROL
M1
VIN
24V TO 36V
VD
VOUT
12V
AT 8A
M2
50k
10µF
1µF
CIN
+
COUT
PGND
4613 F01
10k
4.7µF
2.2µH
INPUT
FILTER
NOISE
CANCEL-
LATION
10µF
50V
× 3
RA
RB
= SGND
= PGND
UVLO
FUNCTION
VIN
Figure 1. Simplified Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com