Electronic Components Datasheet Search
  English  ▼

X  

LTM4641 Datasheet(PDF) 16 Page - Linear Technology

Part # LTM4641
Description  EN55022B Compliant 36VIN, 15VOUT, 8A, DC/DC μModule Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4641 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTM4641 Datasheet HTML 12Page - Linear Technology LTM4641 Datasheet HTML 13Page - Linear Technology LTM4641 Datasheet HTML 14Page - Linear Technology LTM4641 Datasheet HTML 15Page - Linear Technology LTM4641 Datasheet HTML 16Page - Linear Technology LTM4641 Datasheet HTML 17Page - Linear Technology LTM4641 Datasheet HTML 18Page - Linear Technology LTM4641 Datasheet HTML 19Page - Linear Technology LTM4641 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
LTM4613
16
4613fd
For more information www.linear.com/LTM4613
APPLICATIONS INFORMATION
must be driven from a low impedance source such as a
logic gate located close to the pin. During the start-up of
the regulator, the phase-locked loop function is disabled.
INTVCC and DRVCC Connection
An internal low dropout regulator produces an internal
5V supply that powers the control circuitry and DRVCC
for driving the internal power MOSFETs. Therefore, if
the system does not have a 5V power rail, the LTM4613
can be directly powered by VIN. The gate driver current
through the LDO is about 20mA. The internal LDO power
dissipation can be calculated as:
PLDO_LOSS = 20mA • (VIN – 5V)
TheLTM4613alsoprovidestheexternalgatedrivervoltage
pin DRVCC. If there is a 5V rail in the system, it is recom-
mended to connect the DRVCC pin to the external 5V rail.
This is especially true for higher input voltages. Do not
apply more than 6V to the DRVCC pin.
Radiated EMI Noise
High radiated EMI noise is a disadvantage for switching
regulators by nature. Fast switching turn-on and turn-off
make the large di/dt change in the converters, which act
as the radiation sources in most systems. LTM4613 inte-
grates the feature to minimize the radiated EMI noise for
applications with low noise requirements. An optimized
gate driver for the MOSFET and a noise cancellation
network are installed inside the LTM4613 to achieve the
low radiated EMI noise. Figure 7 shows a typical example
for the LTM4613 to meet the EN55022 Class B radiated
emission limit.
Thermal Considerations and Output Current Derating
In different applications, LTM4613 operates in a variety
of thermal environments. The maximum output current is
limited by the environment thermal condition. Sufficient
cooling should be provided to help ensure reliable opera-
tion. When the cooling is limited, proper output current
derating is necessary, considering ambient temperature,
airflow, input/output condition, and the need for increased
reliability.
The thermal resistances reported in the Pin Configuration
section of the data sheet are consistent with those param-
eters defined by JESD51-12. They are intended for use
with finite element analysis (FEA) software modeling tools
that leverage the outcome of thermal modeling, simula-
tion and correlation to hardware evaluation performed on
a µModule package mounted to a hardware test board.
The motivation for providing these thermal coefficients is
found in JESD51-12, “Guidelines for Reporting and Using
Electronic Package Thermal Information.”
Many designers may opt to use laboratory equipment
and a test vehicle, such as the demo board, to predict
the µModule regulator’s thermal performance in their
Figure 7. Radiated Emission Scan with 24VIN to
12VOUT at 8A Measured in 10 Meter Chamber
70
60
50
40
30
20
10
0
30
226.2
422.4
613.6
FREQUENCY (MHz)
4613 F07
814.3
1010.0
–10
EN55022B LIMIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com