Electronic Components Datasheet Search
  English  ▼

X  

LTM8003 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM8003
Description  EN55022B Compliant 36VIN, 15VOUT, 8A, DC/DC μModule Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8003 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM8003 Datasheet HTML 2Page - Linear Technology LTM8003 Datasheet HTML 3Page - Linear Technology LTM8003 Datasheet HTML 4Page - Linear Technology LTM8003 Datasheet HTML 5Page - Linear Technology LTM8003 Datasheet HTML 6Page - Linear Technology LTM8003 Datasheet HTML 7Page - Linear Technology LTM8003 Datasheet HTML 8Page - Linear Technology LTM8003 Datasheet HTML 9Page - Linear Technology LTM8003 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LTM4613
6
4613fd
For more information www.linear.com/LTM4613
TYPICAL PERFORMANCE CHARACTERISTICS
Start-Up with 24VIN to 12VOUT at
IOUT = 8A, TA = –55°C
Short-Circuit with 24VIN to 12VOUT
at IOUT = 0A
Short-Circuit with 24VIN to 12VOUT
at IOUT = 8A
VIN to VOUT Step-Down Ratio
Input Ripple
Output Ripple
VIN
100mV/DIV
AC
1µs/DIV
VIN = 24V
VOUT = 12V AT 8A RESISTIVE LOAD
CIN = 2 × 10µF CERAMIC CAPACITORS AND
1
× 100µF OS-CON CAPACITOR
4613 G14
VOUT
10mV/DIV
AC
1µs/DIV
VIN = 24V
VOUT = 12V AT 8A RESISTIVE LOAD
COUT = 1 × 47µF POSCAP
1
× 10µF CERAMIC CAPACITOR AND
3
× 47µF CERAMIC CAPACITORS
4613 G15
IOUT
2A/DIV
VOUT
5V/DIV
20ms/DIV
4613 G10
SOFT-START CAPACITOR: 0.1µF
CIN = 2 × 10µF CERAMIC CAPACITORS AND
1
× 100µF OS-CON CAPACITOR
IIN
500mA/DIV
VOUT
5V/DIV
20µs/DIV
4613 G11
COUT = 1 × 47µF POSCAP,
1
× 10µF CERAMIC CAPACITORS
AND 3
× 47µF CERAMIC CAPACITORS
IIN
2A/DIV
VOUT
5V/DIV
20µs/DIV
4613 G12
COUT = 1 × 47µF POSCAP,
1
× 10µF CERAMIC CAPACITORS
AND 3
× 47µF CERAMIC CAPACITORS
OUTPUT VOLTAGE (V)
3.3
0
6
12
18
24
36
5
7
9
11
4613 G13
13
15
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com