Electronic Components Datasheet Search
  English  ▼

X  

LTM8003 Datasheet(PDF) 24 Page - Linear Technology

Part # LTM8003
Description  EN55022B Compliant 36VIN, 15VOUT, 8A, DC/DC μModule Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8003 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTM8003 Datasheet HTML 20Page - Linear Technology LTM8003 Datasheet HTML 21Page - Linear Technology LTM8003 Datasheet HTML 22Page - Linear Technology LTM8003 Datasheet HTML 23Page - Linear Technology LTM8003 Datasheet HTML 24Page - Linear Technology LTM8003 Datasheet HTML 25Page - Linear Technology LTM8003 Datasheet HTML 26Page - Linear Technology LTM8003 Datasheet HTML 27Page - Linear Technology LTM8003 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
LTM4613
24
4613fd
For more information www.linear.com/LTM4613
PGOOD
RUN
COMP
INTVCC
DRVCC
fSET
TRACK/SS
VOUT
VFB
FCB
MARG0
MARG1
MPGM
PULL-UP SUPPLY ≤ 5V
R2
51k
C7
0.1µF
C6
22pF
C3
22µF
16V
4613 F22
C4
180µF
16V
12V
6A
C11
0.1µF
C5
100µF
50V
C2
10µF
50V
C8
10µF
50V
VIN
22V TO 36V
LTC6908-1
2-PHASE
OSCILLATOR
CLOCK SYNC
0° PHASE
CLOCK SYNC
180° PHASE
LTM4613
SGND
PGND
PGOOD
RUN
COMP
INTVCC
DRVCC
fSET
TRACK/SS
LTM4613
SGND
12V TRACK
PGND
MARGIN
CONTROL
5% MARGIN
R4
51k
RFB1
5.23k
RFB2
6.34k
R1
392k
R8
100k
R9
6.34k
R3
51k
R7
51k
PULL-UP SUPPLY ≤ 5V
R5
166k
V+
GND
SET
OUT1
OUT2
MOD
+
VOUT
VFB
FCB
MARG0
MARG1
MPGM
C1
22pF
C9
22µF
16V
C10
180µF
16V
10V
6A
MARGIN
CONTROL
R6
392k
+
+
VD
VIN
PLLIN
VD
VIN
PLLIN
C11
10µF
50V
×3
C1
10µF
50V
×3
Figure 22. 2-Phase, 12V and 10V at 6A Design with 600kHz Frequency and Output Voltage Tracking
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com