Electronic Components Datasheet Search
  English  ▼

X  

LTM8003 Datasheet(PDF) 25 Page - Linear Technology

Part # LTM8003
Description  EN55022B Compliant 36VIN, 15VOUT, 8A, DC/DC μModule Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8003 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTM8003 Datasheet HTML 21Page - Linear Technology LTM8003 Datasheet HTML 22Page - Linear Technology LTM8003 Datasheet HTML 23Page - Linear Technology LTM8003 Datasheet HTML 24Page - Linear Technology LTM8003 Datasheet HTML 25Page - Linear Technology LTM8003 Datasheet HTML 26Page - Linear Technology LTM8003 Datasheet HTML 27Page - Linear Technology LTM8003 Datasheet HTML 28Page - Linear Technology LTM8003 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
LTM4613
25
4613fd
For more information www.linear.com/LTM4613
DRVCC
fSET
TRACK/SS
PGOOD
RUN
COMP
INTVCC
FCB
MARG0
MARG1
MPGM
VOUT
VFB
VD
VIN
5V
R2
51k
C7
0.15µF
C6
22pF
C3
22µF
6.3V
4613 F23
C4
180µF
6.3V
5V
8A
C11
0.1µF
C5
100µF
50V
C2
10µF
50V
C8
10µF
50V
VIN
7V TO 36V
LTC6908-1
2-PHASE
OSCILLATOR
PLLIN
CLOCK SYNC
0° PHASE
CLOCK SYNC
180° PHASE
SGND
PGND
PGOOD
RUN
COMP
INTVCC
DRVCC
fSET
TRACK/SS
VIN
VD
PLLIN
SGND
5V TRACK
PGND
MARGIN
CONTROL
R4
51k
RfSET1
133k
RFB1
13.7k
R1
392k
R8
100k
R9
22.1k
RfSET2
64.9k
R3
51k
R7
51k
3.3V
R5
200k
V+
GND
SET
OUT1
OUT2
MOD
+
VOUT
VFB
FCB
MARG0
MARG1
MPGM
C1
22pF
C9
22µF
6.3V
C10
180µF
6.3V
3.3V
8A
MARGIN
CONTROL
RFB2
22.1k
R6
392k
+
+
LTM4613
LTM4613
5% MARGIN
C1
10µF
50V
×3
C11
10µF
50V
×3
Figure 23. 2-Phase, 5V and 3.3V at 8A Design with 500kHz Frequency and Output Voltage Tracking
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com