Electronic Components Datasheet Search
  English  ▼

X  

AD539 Datasheet(PDF) 9 Page - Analog Devices

Part # AD539
Description  Wideband Dual-Channel Linear Multiplier/Divider
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD539 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD539 Datasheet HTML 5Page - Analog Devices AD539 Datasheet HTML 6Page - Analog Devices AD539 Datasheet HTML 7Page - Analog Devices AD539 Datasheet HTML 8Page - Analog Devices AD539 Datasheet HTML 9Page - Analog Devices AD539 Datasheet HTML 10Page - Analog Devices AD539 Datasheet HTML 11Page - Analog Devices AD539 Datasheet HTML 12Page - Analog Devices AD539 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD539
Rev. B | Page 9 of 20
VOUT
VIN
100
90
10
0%
20ns
2V
500µV
Figure 16. Transient Response of the Voltage-Controlled Amplifier,
VX = +2 V, VY = ±1 V
40
30
20
10
0
–10
–20
50
10k
100k
1M
10M
FREQUENCY (Hz)
VX = +0.01V
VX = +0.032V
VX = +0.1V
VX = +0.316V
VX = +1V
VX = +3.162V
Figure 17. High Frequency Response of Divider in Figure 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com