Electronic Components Datasheet Search
  English  ▼

X  

AD539 Datasheet(PDF) 13 Page - Analog Devices

Part # AD539
Description  Wideband Dual-Channel Linear Multiplier/Divider
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD539 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD539 Datasheet HTML 9Page - Analog Devices AD539 Datasheet HTML 10Page - Analog Devices AD539 Datasheet HTML 11Page - Analog Devices AD539 Datasheet HTML 12Page - Analog Devices AD539 Datasheet HTML 13Page - Analog Devices AD539 Datasheet HTML 14Page - Analog Devices AD539 Datasheet HTML 15Page - Analog Devices AD539 Datasheet HTML 16Page - Analog Devices AD539 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD539
Rev. B | Page 13 of 20
Table 4. Summary of Operating Conditions and
Performance for the AD539 When Used with Various
External Op Amp Output Amplifiers
Operating Conditions
AD7111
LH00321
Op Amp Supply Voltages
±15 V
±10 V
Op Amp Compensation Capacitor
None
1 pF to 5 pF
Feedback Capacitor, CF
None
1 pF to 4 pF
−3 dB Bandwidth, VX = 1 V
900 kHz
25 MHz
Load Capacitance
<1 nF
<10 pF
HF Feedthrough
VX = −0.01 V, f = 5 MHz
N/A
−70 dB
RMS Output Noise
VX = 1 V, BW 10 Hz to10 kHz
50 μV
30 μV
VX = 1 V, BW 10 Hz to 5 MHz
120 μV
500 μV
1 For the circuit of Figure 20.
In all cases, 0.47 μF ceramic supply decoupling capacitors were
used at each IC pin, the AD539 supplies were ±5 V, and the
control compensation capacitor CC was 3 nF.
Minimal Wideband Configurations
The maximum bandwidth can be achieved using the AD539
with simple resistive loads to convert the output currents to
voltages. These currents (nominally ±1 mA FS, ±2.25 mA peak,
into short-circuit loads) are shunted by their source resistance
of 1.25 kΩ (each channel). Calculations of load power and
effective scaling-voltage must allow for this shunting effect
when using resistive loads. The output power is quite low in this
mode, and the device behaves more like a voltage-controlled
attenuator than a classical multiplier. The matching of gain and
phase between the two channels is excellent. From dc to 10 MHz,
the gains are typically within ±0.025 dB (measured using preci-
sion 50 Ω load resistors) and the phase difference within ±0.1°.
For a given load resistance, the output power can be quadrupled
by using both channels in parallel, as shown in Figure 21. The
small signal silicon diode, D, connected between ground and
BASE COMMON (Pin 12 and Pin 13) provides extra voltage
compliance at the output nodes in the negative direction (to
−1 V at 25°C); it is not required if the output swing does not
exceed −300 mV. Table 5 compares performance for various
load resistances, using this configuration.
1
2
3
4
16
15
14
13
5
12
6
11
7
10
8
9
AD539
VX
VY1
VY2
HF COMP
+VS
–VS
INPUT
COMMON
OUTPUT
COMMON
BASE
COMMON
W1
Z1
CHAN1
OUTPUT
CHAN2
OUTPUT
Z2
W2
CC = 3nF
VX
NC
NC
NC
NC
0.47µF
+VS
D*
RL
–VS
VY
VW =
VXVY
VU
REQUIRED IF LOAD
RESISTANCE >300Ω
*
Figure 21. Minimal Single-Channel Multiplier
(16-Lead SBDIP and PDIP Shown)
Figure 9 shows the high frequency response for Figure 21 with
the AD539 in a carefully shielded 50 Ω test environment; the
test system response was first characterized and this
background removed by digital signal processing to show the
inherent circuit response.
In many applications phase linearity over frequency is important.
Figure 10 shows the deviation from an ideal linear-phase response
for a typical AD539 over the frequency range dc to 10 MHz, for
VX = 3 V; the peak deviation is slightly more than 1°. Differen-
tial phase linearity (the stability of phase over the signal window
at a fixed frequency) is shown in Figure 11 for f = 3.579 MHz
and various values of VX. The most rapid variation occurs for
VY above 1 V; in applications where this characteristic is critical,
it is recommended that a ground-referenced, negative-going
signal be used.
Table 5. Summary of Performance for Minimal Configuration
Load Resistance
50 Ω
75 Ω
100 Ω
150 Ω
600 Ω
Open Circuit
FS Output Voltage
DC
±92.6 mV
±134 mV
±172 mV
±242 mV
±612 mV
±1 V
AC (RMS)
65.5 mV rms
94.7 mV rms
122 mV rms
171 mV rms
433 mV rms
Note1
FS Output
0.086 mW
0.12 mW
0.15 mW
0.195 mW
0.312 mW
N/A2
Power in Load
−10.5 dBm
−9.2 dBm
−8.3 dBm
−7.1 dBm
−5.05 dBm
N/A
Peak Output Voltage
DC
±210 mV
±300 mV
±388 mV
±544 mV
±1 mV
±1 V
AC (RMS)
148 mV rms
212 mV rms
274 mV rms
385 mV rms
Note1
Note1
Peak Output
0.44 mW
0.6 mW
0.75 mW
1 mW
±1 V
±1 V
Power in Load
−7 dBm
−4.4 dBm
−2.5 dBm
0 dBm
Note1
Note1
Effective Scaling Voltage, VU’
67.5 V
46.7 V
36.3 V
25.8 V
10.2 V
5 V
1 Peak negative voltage swing limited by output compliance.
2 N/A means not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com