Electronic Components Datasheet Search
  English  ▼

X  

AD539 Datasheet(PDF) 3 Page - Analog Devices

Part # AD539
Description  Wideband Dual-Channel Linear Multiplier/Divider
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD539 Datasheet(HTML) 3 Page - Analog Devices

  AD539 Datasheet HTML 1Page - Analog Devices AD539 Datasheet HTML 2Page - Analog Devices AD539 Datasheet HTML 3Page - Analog Devices AD539 Datasheet HTML 4Page - Analog Devices AD539 Datasheet HTML 5Page - Analog Devices AD539 Datasheet HTML 6Page - Analog Devices AD539 Datasheet HTML 7Page - Analog Devices AD539 Datasheet HTML 8Page - Analog Devices AD539 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD539
Rev. B | Page 3 of 20
SPECIFICATIONS
TA = 25°C, VS = ±5 V, unless otherwise specified. VY = VY1 − VY2, VX = VX1 – VX2. All minimum and maximum specifications are
guaranteed.
Table 1.
AD539J
AD539K
AD539S
Parameter
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SIGNAL CHANNEL DYNAMICS
Minimal Configuration
See
Figure 22
Bandwidth, −3 dB
RL = 50 Ω, CC = 0.01 μF
30
60
30
60
30
60
MHz
Maximum Output
0.1 V < VX < 3 V, VY ac = 1 V rms
−10
−10
−10
dBm
Feedthrough
VX = 0 V, VY ac = 1.5 V rms
f < 1 MHz
−75
−75
−75
dBm
f = 20 MHz
−55
−55
−55
dBm
Differential Phase Linearity
−1 V < VY dc < +1 V
f = 3.58 MHz, VX = 3 V,
VY ac = 100 mV
±0.2
±0.2
±0.2
Degrees
−2 V < VY dc < +2 V
f = 3.58 MHz, VX = 3 V,
VY ac = 100 mV
±0.5
±0.5
±0.5
Degrees
Group Delay
VX = 3 V, VY ac = 1 V rms,
f = 1 MHz
4
4
4
ns
Standard 2-Channel Multiplier
See
Figure 20
Maximum Output
VX = 3 V, VY ac = 1.5 V rms
4.5
4.5
4.5
V
Feedthrough, f < 100 kHz
VX = 0 V, VY ac = 1.5 V rms
1
1
1
mV rms
Crosstalk (Channel 1 to
Channel 2)
VY1 = 1 V rms, VY2 = 0 V,
VX = 3 V, f < 100 kHz
−40
−40
−40
dB
RTO Noise, 10 Hz to 1 MHz
VX = 1.5 V, VY = 0 V
200
200
200
nV/√Hz
THD + Noise
VX = 1 V
f = 10 kHz, VY ac = 1 V rms
0.02
0.02
0.02
%
VY = 3 V
f = 10 kHz, VY ac = 1 V rms
0.04
0.04
0.04
%
Wideband 2-Channel Multiplier
See
Figure 20
Bandwidth, −3 dB (LH0032)
0.1 V < VX < 3 V,
VY ac = 1 V rms
25
25
25
MHz
Maximum Output VX = 3 V
VY ac = 1.5 V rms, f = 3 MHz
4.5
4.5
4.5
V rms
Feedthrough VX = 0 V
VY ac = 1.0 V rms, f = 3 MHz
14
14
14
mV rms
Wideband Single-Channel VCA
See
Figure 24
Bandwidth, −3 dB
0.1 V < VX < 3 V,
V ac = 1 V rms
Y
50
50
50
MHz
Maximum Output
75 Ω load
±1
±1
±1
V
Feedthrough
VX = −0.01 V, f = 5 MHz
−54
−54
−54
dB
CONTROL CHANNEL DYNAMICS
Bandwidth, −3 dB
CC = 3000 pF, VX dc = 1.5 V,
VX ac = 100 mV rms
5
5
5
MHz
SIGNAL INPUTS, V AND V
Y1
Y2
Nominal Full-Scale Input
±2
±2
±2
V
Operational Range, Degraded
Performance
−VS ≤ 7 V
±4.21
±4.21
±4.21
V
Input Resistance
400
400
400
kΩ
Bias Current
10
301
10
201
10
301
μA
Offset Voltage
VX = 3 V, VY = 0 V
5
201
5
101
5
201
mV
T
to T
MIN
MAX
10
5
15
35
mV
Power Supply Sensitivity
VX = 3 V, VY = 0 V
2
2
2
mV/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com