Electronic Components Datasheet Search
  English  ▼

X  

AD834 Datasheet(PDF) 7 Page - Analog Devices

Part # AD834
Description  500 MHz Four-Quadrant Multiplier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD834 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD834 Datasheet HTML 3Page - Analog Devices AD834 Datasheet HTML 4Page - Analog Devices AD834 Datasheet HTML 5Page - Analog Devices AD834 Datasheet HTML 6Page - Analog Devices AD834 Datasheet HTML 7Page - Analog Devices AD834 Datasheet HTML 8Page - Analog Devices AD834 Datasheet HTML 9Page - Analog Devices AD834 Datasheet HTML 10Page - Analog Devices AD834 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
AD834
Rev. F | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
1000
1
800
600
400
200
100
80
60
40
20
10
10
100
1000
FREQUENCY (MHz)
Figure 4. Mean-Square Output vs. Frequency
FREQUENCY (MHz)
0
1
–10
–20
–30
–40
–50
–60
–70
–80
10
100
1000
X FEEDTHROUGH
Y FEEDTHROUGH
Figure 5. AC Feedthrough vs. Frequency
FREQUENCY (Hz)
0
1M
–10
–20
–30
–40
–50
–60
–70
–80
10M
100M
1G
X HARMONIC
DISTORTION
Y HARMONIC
DISTORTION
Figure 6. Total Harmonic Distortion vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com