Electronic Components Datasheet Search
  English  ▼

X  

AD834 Datasheet(PDF) 1 Page - Analog Devices

Part # AD834
Description  500 MHz Four-Quadrant Multiplier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD834 Datasheet(HTML) 1 Page - Analog Devices

  AD834 Datasheet HTML 1Page - Analog Devices AD834 Datasheet HTML 2Page - Analog Devices AD834 Datasheet HTML 3Page - Analog Devices AD834 Datasheet HTML 4Page - Analog Devices AD834 Datasheet HTML 5Page - Analog Devices AD834 Datasheet HTML 6Page - Analog Devices AD834 Datasheet HTML 7Page - Analog Devices AD834 Datasheet HTML 8Page - Analog Devices AD834 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
500 MHz Four-Quadrant Multiplier
Data Sheet
AD834
Rev. F
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2012 Analog Devices, Inc. All rights reserved.
FEATURES
DC to >500 MHz operation
Differential ±1 V full-scale inputs
Differential ±4 mA full-scale output current
Low distortion (≤0.05% for 0 dBm input)
Supply voltages from ±4 V to ±9 V
Low power (280 mW typical at VS = ±5 V)
APPLICATIONS
High speed real time computation
Wideband modulation and gain control
Signal correlation and RF power measurement
Voltage controlled filters and oscillators
Linear keyers for high resolution television
Wideband true RMS
FUNCTIONAL BLOCK DIAGRAM
AD834
CURRENT
AMPLIFIER
(W)
±4mA
FS
X1
X2
Y2
Y1
W1
V TO I
V TO I
8.5mA
8.5mA
W2
DISTORTION
CANCELLATION
DISTORTION
CANCELLATION
7
8
2
5
4
1
Figure 1.
GENERAL DESCRIPTION
The AD834 is a monolithic, laser-trimmed four-quadrant analog
multiplier intended for use in high frequency applications, with
a transconductance bandwidth (RL = 50 Ω) in excess of 500 MHz
from either of the differential voltage inputs. In multiplier
modes, the typical total full-scale error is 0.5%, dependent on
the application mode and the external circuitry. Performance
is relatively insensitive to temperature and supply variations due
to the use of stable biasing based on a band gap reference generator
and other design features.
To preserve the full bandwidth potential of the high speed bipolar
process used to fabricate the AD834, the outputs appear as a
differential pair of currents at open collectors. To provide a
single-ended ground referenced voltage output, some form of
external current-to-voltage conversion is needed. This may take
the form of a wideband transformer, balun, or active circuitry
such as an op amp. In some applications (such as power measure-
ment), the subsequent signal processing may not need to have
high bandwidth.
The transfer function is accurately trimmed such that when
X = Y = ±1 V, the differential output is ±4 mA. This absolute
calibration allows the outputs of two or more AD834 devices
to be summed with precisely equal weighting, independent of
the accuracy of the load circuit.
The AD834J, available in 8-lead PDIP and plastic SOIC packages, is
specified over the commercial temperature range of 0°C to 70°C.
The AD834A is also available in 8-lead CERDIP and plastic SOIC
packages operating over the industrial temperature range of
−40°C to +85°C. The AD834SQ/883B, available in an 8-lead
CERDIP, operates over the military temperature range of −55°C
to +125°C. S-grade chips are also available.
Two application notes featuring the AD834 (AN-212 and AN-216)
can be found at www.analog.com. For additional applications
circuits, consult the AD811 data sheet.
PRODUCT HIGHLIGHTS
1. Combines high static accuracy (low input and output
offsets and accurate scale factor) with very high bandwidth.
As a four-quadrant multiplier or squarer, the response
extends from dc to an upper frequency limited by packaging
and external board layout considerations. Obtains a large
signal bandwidth of >500 MHz under optimum conditions.
2. Used in many high speed nonlinear operations, such as
square rooting, analog division, vector addition, and rms-
to-dc conversion. In these modes, the bandwidth is limited
by the external active components.
3. Special design techniques result in low distortion levels
(better than −60 dB on either input) at high frequencies
and low signal feedthrough (typically −65 dB up to 20 MHz).
4. Exhibits low differential phase error over the input range—
typically 0.08° at 5 MHz and 0.8° at 50 MHz. The large
signal transient response is free from overshoot and has an
intrinsic rise time of 500 ps, typically settling to within 1%
in under 5 ns.
5. The nonloading, high impedance, differential inputs
simplify the application of the AD834.


Similar Part No. - AD834

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD834 AD-AD834 Datasheet
258Kb / 8P
500 MHz Four-Quadrant Multiplier
REV.C
AD8340 AD-AD8340 Datasheet
536Kb / 20P
700 MHz to 1000 MHz RF Vector Modulator
6/04-Revision 0
AD8340 AD-AD8340 Datasheet
2Mb / 20P
300 MHz to 1000 MHz Quadrature Modulator
10/06-Revision 0
AD8340 AD-AD8340 Datasheet
2Mb / 32P
400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
AD8340 AD-AD8340 Datasheet
425Kb / 20P
700 MHz to 1000 MHz RF Vector Modulator
Rev. C
More results

Similar Description - AD834

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1495 ONSEMI-MC1495 Datasheet
332Kb / 16P
LINEAR FOUR-QUADRANT MULTIPLIER
August, 2001 ??Rev. 1
logo
Analog Devices
AD834 AD-AD834 Datasheet
258Kb / 8P
500 MHz Four-Quadrant Multiplier
REV.C
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
Wideband Four-Quadrant Multiplier
January 1996
logo
Motorola, Inc
MC1494L MOTOROLA-MC1494L Datasheet
519Kb / 14P
MONOLITHIC FOUR-QUADRANT MULTIPLIER
logo
Analog Devices
AD734ANZ AD-AD734ANZ Datasheet
451Kb / 20P
10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
AD834 AD-AD834_12 Datasheet
351Kb / 20P
500 MHz Four-Quadrant Multiplier
Rev. F
AD734SQ AD-AD734SQ Datasheet
451Kb / 20P
10 MHz, Four-Quadrant Multiplier/Divider
REV. E
AD734 AD-AD734_15 Datasheet
451Kb / 20P
10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
AD834 AD-AD834_15 Datasheet
351Kb / 20P
500 MHz Four-Quadrant Multiplier
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com