Electronic Components Datasheet Search
  English  ▼

X  

AD834 Datasheet(PDF) 10 Page - Analog Devices

Part # AD834
Description  500 MHz Four-Quadrant Multiplier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD834 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD834 Datasheet HTML 6Page - Analog Devices AD834 Datasheet HTML 7Page - Analog Devices AD834 Datasheet HTML 8Page - Analog Devices AD834 Datasheet HTML 9Page - Analog Devices AD834 Datasheet HTML 10Page - Analog Devices AD834 Datasheet HTML 11Page - Analog Devices AD834 Datasheet HTML 12Page - Analog Devices AD834 Datasheet HTML 13Page - Analog Devices AD834 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD834
Data Sheet
Rev. F | Page 10 of 20
EXPLANATION OF TYPICAL PERFORMANCE
CHARACTERISTICS AND TEST CIRCUITS
Figure 4 is a plot of the mean-square output vs. frequency for
the test circuit of Figure 8. Note that the rising response is due
to package resonances.
For frequencies above 1 MHz, ac feedthrough is dominated by
static nonlinearities in the transfer function and the finite offset
voltages. The offset voltages cause a small fraction of the funda-
mental to appear at the output, and can be nulled out (see
Figure 5).
THD data represented in Figure 6 is dominated by the second
harmonic, and is generated with 0 dBm input on the ac input
and 1 V on the dc input. For a given amplitude on the ac input,
THD is relatively insensitive to changes in the dc input ampli-
tude. Varying the ac input amplitude while maintaining a
constant dc input amplitude affects THD performance.
The squarer configuration shown in Figure 8 is used to determine
wideband performance because it eliminates the need for (and
the response uncertainties of) a wideband measurement device
at the output. The wideband output of a squarer configuration
is a fluctuating current at twice the input frequency with a mean
value proportional to the square of the input amplitude.
By placing the capacitors, C3/C5 and C4/C6, across the load
resistors, R1 and R2, a simple low-pass filter is formed, and the
mean-square value is extracted. The mean-square response can
be measured using a DVM connected across R1 and R2.
Care should be taken when laying out the board. When using
the DIP package, mount the IC socket on a ground plane with a
clear area in the rectangle formed by the pins. This is important
because significant transformer action can arise if the pins pass
through individual holes in the board; improperly constructed test
jigs have caused oscillation at 1.3 GHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com