Electronic Components Datasheet Search
  English  ▼

X  

LTC6907 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC6907
Description  TimerBlox: Voltage Controlled Silicon Oscillator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6907 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC6907 Datasheet HTML 2Page - Analog Devices LTC6907 Datasheet HTML 3Page - Analog Devices LTC6907 Datasheet HTML 4Page - Analog Devices LTC6907 Datasheet HTML 5Page - Analog Devices LTC6907 Datasheet HTML 6Page - Analog Devices LTC6907 Datasheet HTML 7Page - Analog Devices LTC6907 Datasheet HTML 8Page - Analog Devices LTC6907 Datasheet HTML 9Page - Analog Devices LTC6907 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LTC6990
6
Rev. D
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Peak-to-Peak Jitter vs Frequency
OE Threshold Voltage
vs Supply Voltage
Supply Current vs Frequency, 5V
Supply Current vs Frequency, 2.5V
Supply Current vs OE Pin Voltage
V+ = 3V, unless otherwise noted.
Output Resistance
vs Supply Voltage
FREQUENCY (kHz)
6990 G10
400
300
350
200
250
150
100
50
0
0.1
1
1000
10000
100
10
V+ = 5V
TA = 25°C
÷128
÷1
÷2
RECOMMENDED RANGE
EXTENDED RANGE
FREQUENCY (kHz)
6990 G11
400
300
350
200
250
150
100
50
0
0.1
1
1000
10000
100
10
V+ = 2.5V
TA = 25°C
RECOMMENDED RANGE
EXTENDED RANGE
÷128
÷1
÷2
VOE/V+ (%)
6990 G12
200
100
125
75
150
175
50
0
60
40
20
80
100
5V, OE RISING
TA = 25°C
RSET = 800k
DIVCODE = 7
5V, OE FALLING
3.3V,
OE RISING
3.3V, OE FALLING
SUPPLY VOLTAGE (V)
6990 G14
3.5
1.0
2.0
3.0
0.5
1.5
2.5
0
2
4
3
5
6
TA = 25°C
POSITIVE-GOING
NEGATIVE-GOING
FREQUENCY (kHz)
6990 G13
0.50
0.25
0.30
0.40
0.20
0.10
0.05
0.15
0.35
0.45
0
0.1
10
100
1
1000
TA = 25°C
V+ = 5V
PEAK-TO-PEAK PERIOD
DEVIATION MEASURED
OVER 30sec INTERVALS
÷1
÷2
÷4
÷128
Typical VSET Distribution
Supply Current vs Supply Voltage
Supply Current vs Temperature
VSET (V)
6990 G07
300
150
100
200
250
50
0
0.986
1.002
0.994
1.010
1.018
TA = 25°C
2 LOTS
DFN AND SOT-23
1416 UNITS
SUPPLY VOLTAGE (V)
6990 G05
250
150
100
50
200
0
2
4
3
5
6
TA = 25°C
RSET = 800k, ÷1
RSET = 800k, ÷128
RSET = 50k, ÷1
RSET = 50k, ÷2
RSET = 50k, ÷128
TEMPERATURE (°C)
6990 G09
250
100
50
150
200
0
–50
75
50
0
25
–25
100 125
5.5V, RSET = 800k, ÷1
2.25V, RSET = 800k, ÷128
5.5V, RSET = 50k, ÷1
2.25V, RSET = 50k, ÷1
5.5V, RSET = 50k, ÷128
SUPPLY VOLTAGE (V)
6990 G15
50
25
20
35
45
5
10
15
30
40
0
2
4
3
5
6
TA = 25°C
OUTPUT SOURCING CURRENT
OUTPUT SINKING CURRENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com