Electronic Components Datasheet Search
  English  ▼

X  

LTC6907 Datasheet(PDF) 17 Page - Analog Devices

Part # LTC6907
Description  TimerBlox: Voltage Controlled Silicon Oscillator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6907 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC6907 Datasheet HTML 13Page - Analog Devices LTC6907 Datasheet HTML 14Page - Analog Devices LTC6907 Datasheet HTML 15Page - Analog Devices LTC6907 Datasheet HTML 16Page - Analog Devices LTC6907 Datasheet HTML 17Page - Analog Devices LTC6907 Datasheet HTML 18Page - Analog Devices LTC6907 Datasheet HTML 19Page - Analog Devices LTC6907 Datasheet HTML 20Page - Analog Devices LTC6907 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
LTC6990
17
Rev. D
For more information www.analog.com
Figure 12. VCO Transfer Function
VCTRL (V)
1
100
80
40
20
60
0
2
6990 F12
4
3
APPLICATIONS INFORMATION
Step 4: Calculate and Select RSET
The final step is to calculate the correct value for RSET
using the following equation:
RSET =
1MHz • 50k
NDIV • f(0V) – VSET •KVCO
(
)
(3e)
Select the standard resistor value closest to the calculated
value.
Some applications require combinations of fOUT(MIN),
fOUT(MAX), VCTRL(MIN) and VCTRL(MAX) that are not achiev-
able. These applications result in unrealistic or unrealiz-
able (e.g. negative value) resistors. These applications
will require preconditioning of the VCTRL signal via range
scaling and/or level shifting to place the VCTRL into a range
that yields realistic resistor values.
Frequency Error in VCO Applications Due to VSET Error
As stated earlier, f(0V) represents the frequency for VCTRL
= 0V, which is the same value as would be generated by
a single resistor between SET and GND with a value of
RSET || RVCO. Therefore, f(0V) is not affected by error or
drift in VSET (i.e. ∆VSET adds no frequency error when
VCTRL = 0V).
The accuracy of KVCO does depend on VSET because
the output frequency is controlled by the ratio of VCTRL
to VSET. The frequency error (in Hertz) due to ∆VSET is
approximated by:
∆fOUT ≅KVCO • VCTRL •
∆VSET
VSET
As the equation indicates, the potential for error in output
frequency due to VSET error increases with KVCO and is
at its largest when VCTRL is at its maximum. Recall that
when VCTRL is at its maximum, the output frequency is
at its minimum. With the maximum absolute frequency
error (in Hertz) occurring at the lowest output frequency,
the relative frequency error (in percent) can be significant.
VSET is nominally 1.0V with a maximum error of ±30mV
for at most a ±3% error term. However, this ±3% potential
error term is multiplied by both VCTRL and KVCO. Wide
frequency range applications (high KVCO) can have fre-
quency errors greater than ±50% at the highest VCTRL
voltage (lowest fOUT). For this reason the simple, two
resistor VCO circuit must be used with caution for appli-
cations where the frequency range is greater than 4:1.
Restricting the range to 4:1 typically keeps the frequency
error due to VSET variation below 10%.
For wide frequency range applications, the non-invert-
ing VCO circuit shown in Figure 13 is preferred because
the maximum frequency error occurs when the fre-
quency is highest, keeping the relative error (in percent)
much smaller.
Example: Design a VCO with the Following Parameters
fOUT(MAX) = 100kHz at VCTRL(MIN) = 1V
fOUT(MIN) = 10kHz at VCTRL(MAX) = 4V
Step 1: Select the NDIV Value
First, choose an NDIV that meets the requirements of
Equation (3a).
6.25 ≤ NDIV ≤ 10
The application’s desired frequency range is 10:1, which
isn’t always possible. However, in this case NDIV = 8 meets
both requirements of Equation (3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com