Electronic Components Datasheet Search
  English  ▼

X  

LTC6907 Datasheet(PDF) 18 Page - Analog Devices

Part # LTC6907
Description  TimerBlox: Voltage Controlled Silicon Oscillator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6907 Datasheet(HTML) 18 Page - Analog Devices

Back Button LTC6907 Datasheet HTML 14Page - Analog Devices LTC6907 Datasheet HTML 15Page - Analog Devices LTC6907 Datasheet HTML 16Page - Analog Devices LTC6907 Datasheet HTML 17Page - Analog Devices LTC6907 Datasheet HTML 18Page - Analog Devices LTC6907 Datasheet HTML 19Page - Analog Devices LTC6907 Datasheet HTML 20Page - Analog Devices LTC6907 Datasheet HTML 21Page - Analog Devices LTC6907 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
LTC6990
18
Rev. D
For more information www.analog.com
APPLICATIONS INFORMATION
Step 2: Calculate KVCO and f(0V)
Next, calculate the intermediate values KVCO and f(0V)
using Equations (3b) and (3c).
KVCO =
100kHz
−10kHz
4V
−1V
= 30kHz/V
f(0V) =100kHz+30kHz/V •1V =130kHz
Step 3: Calculate and Select RVCO
The next step is to use Equation (3d) to calculate the cor-
rect value for RVCO.
RVCO =
1MHz • 50k
8 • 1V • 30kHz/V
= 208.333k
Select RVCO = 210k.
Step 4: Calculate and Select RSET
The final step is to calculate the correct value for RSET
using Equation (3e).
RSET =
1MHz •50k
8 • 130kHz
−1V •30kHz/V
(
)
= 62.5k
Select RSET = 61.9k
In this design example, with its wide 10:1 frequency
range, the potential output frequency error due to VSET
error alone ranges from less than ±1% when VCTRL is at
its minimum up to ±36% when VCTRL is at its maximum.
This error must be accounted for in the system design.
Depending on the application’s requirements, the non-
inverting VCO circuit in Figure 13 may be preferred for
this wide of a frequency variation as its maximum inac-
curacy due to VSET error is only ±9% and can be reduced
to only ±3% with a small change to the voltage tuning
range specification.
Reducing VSET Error Effects in VCO Applications
Figure 13 shows a VCO that reduces the effect of ∆VSET
by adding an op-amp to make VCTRL dependent on VSET.
This circuit also has a positive transfer function (the out-
put frequency increases as VIN increases). Furthermore,
for positive VIN voltages, this circuit places the greatest
absolute frequency error at the highest output frequency.
Compared to the simple VCO circuit of Figure 11, the
absolute frequency error is unchanged. However, with the
maximum absolute frequency error (in Hertz) now occur-
ring at the highest output frequency, the relative frequency
error (in percent) is greatly improved.
Figure 13. VCO with Reduced ∆VSET Sensitivity
6990 F13
LTC6990
OE
GND
SET
OUT
V+
DIV
C1
0.1µF
R1
1M
R2
280k
DIVCODE = 3
(NDIV = 8, Hi-Z = 0)
RSET
249k
3V
RVCO
75k
–
+
3V
3V
10kHz TO 100kHz
fOUT
VCTRL
VSET
1/2
LTC6078
R4
30.1k
C4
33pF
R3
100k
0.4V TO 4V
VIN
fOUT =
1MHz •50k
!
NDIV •RVCO
•
RVCO
RSET
+
VIN
VSET
"1
#
$%
&
'(
•
R4
R3
)
*
+
,
-
.
IF
R4
R3
=
RVCO
RSET
, THE EQUATION REDUCES TO:
fOUT =
1MHz • 50k
!
NDIV •RSET
•
VIN
VSET
= VIN •25kHz/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com