Electronic Components Datasheet Search
  English  ▼

X  

LTC6900 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC6900
Description  Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6900 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC6900 Datasheet HTML 3Page - Analog Devices LTC6900 Datasheet HTML 4Page - Analog Devices LTC6900 Datasheet HTML 5Page - Analog Devices LTC6900 Datasheet HTML 6Page - Analog Devices LTC6900 Datasheet HTML 7Page - Analog Devices LTC6900 Datasheet HTML 8Page - Analog Devices LTC6900 Datasheet HTML 9Page - Analog Devices LTC6900 Datasheet HTML 10Page - Analog Devices LTC6900 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC6908-1/LTC6908-2
7
Rev C
For more information www.analog.com
IRES ( A)
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.1
10
100
1000
690812 F01
1
V+ = 5V
V+ = 3V
TA = 25C
As shown in the Block Diagram, the LTC6908’s master
oscillator is controlled by the ratio of the voltage between
the V+ and SET pins and the current entering the SET pin
(IMASTER). When the spread spectrum frequency modula-
tion (SSFM) is disabled, IMASTER is strictly determined by
the (V+ – VSET) voltage and the RSET resistor. When SSFM
is enabled, IMASTER is modulated by a filtered pseudoran-
dom noise (PRN) signal. Here the IMASTER current is a
random value uniformly distributed between (ISET – 10%)
and (ISET + 10%). In this way the frequency of the master
oscillator is modulated to produce an approximately flat
frequency spectrum that is centered at the frequency set
by the ISET current, with a bandwidth equal to approxi-
mately 20% of the center frequency.
The voltage on the SET pin is forced to approximately 1.1V
below V+ by the PMOS transistor and its gate bias volt-
age. This voltage is accurate to ±5% at a particular input
current and supply voltage (see Figure 1). The LTC6908
is optimized for use with resistors between 20k and 400k,
corresponding to output frequencies between 250kHz and
5MHz. Accurate frequencies up to 10MHz (RSET = 10k)
are attainable if the supply voltage is greater than 4V. The
RSET resistor, connected between the V+ and SET pins,
locks together the (V+ – VSET) voltage and the current
ISET. This allows the parts to attain excellent frequency
accuracy regardless of the precision of the SET pin volt-
age. The master oscillation frequency is:
fMASTER = 20MHz • 10k/RSET
Figure 3. Output Waveforms for LTC6908-1, LTC6908-2
Figure 2. RSET vs Desired Output Frequency
Figure 1. V+ – VSET Variation with IRES
OUT1
OUT2
OUT1
LTC6908-1 (COMPLEMENTARY)
LTC6908-2 (QUADRATURE)
OUT2
690812 F03
The master oscillator signal is divided by 2 before driving
the output pins, resulting in the simple formula for the
output frequency, fOUT, below (see Figure 2):
fOUT = 10MHz • 10k/RSET
When the spread spectrum frequency modulation (SSFM)
is disabled, the frequency fOUT is the final output fre-
quency. When SSFM is enabled, 0.9 • fOUT is the minimum
output frequency and 1.1 • fOUT is the maximum output
frequency.
Both outputs are nominally 50% duty cycle. There are 2
possible output configurations for the LTC6908, shown
in Figure 3.
Output Configurations
The only difference between the two versions of the
LTC6908 is the phase relationship between the two outputs.
The LTC6908-1 outputs are 180 degrees out of phase and
the LTC6908-2 outputs are 90 degrees out of phase. These
convenient output options are useful in synchronizing the
clocking of multiple phase switching regulator designs. In
DESIRED OUTPUT FREQUENCY (Hz)
10k
10k
100k
1M
10M
100k
1M
10M
690812 F02
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com