Electronic Components Datasheet Search
  English  ▼

X  

LTC6900 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC6900
Description  Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6900 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC6900 Datasheet HTML 5Page - Analog Devices LTC6900 Datasheet HTML 6Page - Analog Devices LTC6900 Datasheet HTML 7Page - Analog Devices LTC6900 Datasheet HTML 8Page - Analog Devices LTC6900 Datasheet HTML 9Page - Analog Devices LTC6900 Datasheet HTML 10Page - Analog Devices LTC6900 Datasheet HTML 11Page - Analog Devices LTC6900 Datasheet HTML 12Page - Analog Devices LTC6900 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC6908-1/LTC6908-2
9
Rev C
For more information www.analog.com
SELECTING THE FREQUENCY-SETTING RESISTOR
The LTC6908 has an output frequency range spanning
50kHz to 10MHz. However, accuracy may suffer if the
oscillator is operated at a frequency greater than 5MHz
with a supply voltage lower than 4V. With a linear rela-
tionship correspondence between oscillation period and
resistance, a simple equation relates resistance with
frequency.
RSET =10k • 10MHz/fOUT
RSETMIN = 10k (5V supply), 20k (3V supply),
RSETMAX = 2M
Any resistor, RSET, tolerance will shift the output fre-
quency, fOUT.
ALTERNATIVE METHODS OF SETTING THE OUTPUT
FREQUENCY OF THE LTC6908
The oscillator may be programmed by any method that
sources a current into the SET pin. The circuit in Figure 5
sets the oscillator frequency using a programmable cur-
rent source and in the expression for fOUT, the resistor
RSET is replaced by the ratio of 1.1V/ICONTROL. As already
explained in the Operation section, the voltage differ-
ence between V+ and SET is approximately 1.1V ±5%,
Figure 5. Current Controlled Oscillator
therefore, the Figure 5 circuit is less accurate than if a
resistor controls the output frequency.
Figure 6 shows the LTC6908 configured as a VCO. A
voltage source is connected in series with an external
10k resistor. The output frequency, fOUT, will vary with
VCONTROL, that is the voltage source connected between
Figure 6. Voltage Controlled Oscillator
V+ and the SET pin. Again, this circuit decouples the rela-
tionship between the input current and the voltage between
V+ and SET; the frequency accuracy will be degraded. The
oscillator frequency, however, will increase monotonically
with decreasing VCONTROL.
SETTING THE MODULATION RATE OF THE LTC6908
The modulation rate of the LTC6908 is equal to fOUT/N,
where N is the modulation rate divider setting, which is
determined by the state of the MOD pin. The MOD pin
should be tied to ground for the N = 16 setting. Floating
the MOD pin selects N = 32. The MOD pin should be tied
to V+ for the N = 64 setting. To disable the SSFM, connect
one of the outputs to the MOD pin. An AC detector circuit
shuts down the modulation circuitry if a frequency that is
close to the output frequency is detected at the MOD pin.
DRIVING LOGIC CIRCUITS
The outputs of the LTC6908 are suitable for driving gen-
eral digital logic circuits. However, the form of frequency
spreading used in the LTC6908 may not be suitable for
many logic designs. Many logic designs have fairly tight
timing and cycle-to-cycle jitter requirements. These sys-
tems often benefit from a spread spectrum clocking sys-
tem where the frequency is slowly and linearly modulated
by a triangular waveform, not a pseudorandom waveform.
This type of frequency spreading maintains a minimal dif-
ference in the timing from one clock edge to the next adja-
cent clock edge (cycle-to-cycle jitter). The LTC6908 uses
a pseudorandom modulating signal where the frequency
transitions have been slowed and the corners rounded
by a first order lowpass filter with a corner frequency set
CBYP
ICONTROL
OUT1
OUT2
OUT1
fOUT = 10k • (10MHz/1.13V) • ICONTROL(A)
OUT2
MOD
V+
V+
V+
FLOAT
GND
SET
690812 F05
CBYP
VCONTROL
OUT1
OUT2
OUT1
fOUT = 10k • 10MHz/RSET(1 – VCONTROL/1.13V)
OUT2
MOD
V+
V+
V+
FLOAT
GND
SET
690812 F06
RSET
+–
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com