Electronic Components Datasheet Search
  English  ▼

X  

LTC6900 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC6900
Description  Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6900 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC6900 Datasheet HTML 4Page - Analog Devices LTC6900 Datasheet HTML 5Page - Analog Devices LTC6900 Datasheet HTML 6Page - Analog Devices LTC6900 Datasheet HTML 7Page - Analog Devices LTC6900 Datasheet HTML 8Page - Analog Devices LTC6900 Datasheet HTML 9Page - Analog Devices LTC6900 Datasheet HTML 10Page - Analog Devices LTC6900 Datasheet HTML 11Page - Analog Devices LTC6900 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC6908-1/LTC6908-2
8
Rev C
For more information www.analog.com
very high current applications, a significant improvement
in conducted EMI results due to the reduced levels of input
and output ripple currents. The LTC6908-1 is ideal for use
with two single output switching regulators. The quadrature
outputs of the LTC6908-2, together with two dual output
switching regulators, provide the 0°, 90°, 180° and 270°
phased shifted clocks for four-phase control.
The rise and fall times are typically 6ns with a 5V supply
and 11ns with a 3V supply. An internal counter mutes the
outputs (OUT1 = Low, OUT2 = High) for the first 64 clock
cycles after power-up, ensuring that the first clock cycle
is close to the desired operating frequency.
Spread Spectrum Frequency Modulation
The LTC6908 provides the additional feature of spread
spectrum frequency modulation (SSFM). The oscillator’s
frequency is modulated by a pseudorandom noise (PRN)
signal to spread the oscillator’s energy over a wide fre-
quency band. This spreading decreases the peak electro-
magnetic radiation levels and improves electromagnetic
compatibility (EMC) performance.
The amount of frequency spreading is fixed at 20%
(±10%), where frequency spreading is defined as:
Frequency Spreading (in %) = 100 • ( fMAX – fMIN)/fOUT
The IMASTER current is a dynamic signal generated by a
multiplying digital to analog converter (MDAC) referenced
to ISET and lowpass filtered. IMASTER varies in a pseudoran-
dom noise-like manner between 0.9 • ISET and 1.1 • ISET.
This causes the output frequency to vary in a pseudoran-
dom noise-like manner between 0.9 • fOUT and 1.1 • fOUT.
To disable the SSFM, connect one of the outputs to the
MOD pin. An AC detector circuit shuts down the modu-
lation circuitry if a frequency in the vicinity of the output
frequency is detected at the MOD pin.
As stated previously, the modulating waveform is a pseu-
dorandom noise-like waveform. The pseudorandom sig-
nal is generated by a linear feedback shift register that
is 15 bits long. The pseudorandom sequence will repeat
every (215 – 1) • N clock cycles. This guarantees a repeti-
tion rate below 20Hz for output frequencies up to 10MHz.
Seven bits of the shift register are sent in parallel to the
MDAC which produces the modulating current waveform.
Being a digitally generated signal, the output of the MDAC
is not a perfectly smooth waveform, but consists of (27)
discrete steps that change every shift register clock cycle.
Note that the shift register clock is the output frequency,
fOUT, divided by N, where N is the modulation rate divider
setting, which is determined by the state of the MOD pin.
The MOD pin should be tied to ground for the N = 16
setting. Floating the MOD pin selects N = 32. The MOD
pin should be tied to V+ for the N = 64 setting.
The output of the MDAC is then filtered by a lowpass
filter with a corner frequency set to the modulation rate
(fOUT/N). This limits the frequency change rate and soft-
ens corners of the waveform, but allows the waveform
to fully settle at each frequency step. The rise and fall
times of this single pole filter are approximately 0.35/
fCORNER. This is beneficial when the LTC6908 is used to
clock switching regulators as will be discussed in the
Applications Information section. Figure 4 illustrates how
the output frequency varies over time.
Figure 4.
tREPEAT = ((215 – 1) • N)/fOUT
tSTEP = N/fOUT
fOUT + 10%
128 STEPS
tREPEAT
tSTEP
fOUT – 10%
TIME
690812 F04
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com