Electronic Components Datasheet Search
  English  ▼

X  

LTC6907 Datasheet(PDF) 19 Page - Analog Devices

Part # LTC6907
Description  TimerBlox: Long Timer, Low Frequency Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6907 Datasheet(HTML) 19 Page - Analog Devices

Back Button LTC6907 Datasheet HTML 15Page - Analog Devices LTC6907 Datasheet HTML 16Page - Analog Devices LTC6907 Datasheet HTML 17Page - Analog Devices LTC6907 Datasheet HTML 18Page - Analog Devices LTC6907 Datasheet HTML 19Page - Analog Devices LTC6907 Datasheet HTML 20Page - Analog Devices LTC6907 Datasheet HTML 21Page - Analog Devices LTC6907 Datasheet HTML 22Page - Analog Devices LTC6907 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LTC6995-1/LTC6995-2
Rev. B
For more information www.analog.com
19
APPLICATIONS INFORMATION
Figure 18. Gated Oscillators. First One-Half Cycle Time Always Accurate
Gated Oscillators
The reset input (RST) clears all internal dividers so that,
when released, the output will start clocking with a full
programmed period. This edge can be used to gate the
output ON and OFF at a known starting point for the clock.
Circuits which count clock cycles for further timing pur-
poses will always have an accurate count of full cycles
until reset. The output clock is always at 50% duty cycle
and the period of each cycle can range from 1ms to 9.5
hours. Depending on the polarity bit selection the output
clock can start high or low as shown in Figure 18.
Self-Resetting Circuits
TheRSTpinhashysteresistoaccommodateslow-changing
inputvoltages.Furthermore,thetrippointsareproportional
to the supply voltage (see Note 6 and the RST Threshold
Voltage vs Supply Voltage curve in Typical Performance
Characteristics). This allows an RC time constant at the
RST input to generate a delay that is nearly independent
of the supply voltage.
699512 F18
OUT
POL = 0
OUT
POL = 1
1/2 tOUT
1/2 tOUT
RST
LTC6995-2
ACTIVE LOW RESET
RST RISING EDGE STARTS THE CLOCK
OUT
POL = 0
OUT
POL = 1
1/2 tOUT
1/2 tOUT
RST
LTC6995-1
ACTIVE HIGH RESET
RST FALLING EDGE STARTS THE CLOCK
A simple application of this technique allows the LTC6995
output to reset itself, producing a well-controlled pulse
once each cycle. Figure 19a and Figure 19b show circuits
that produce approximately 1µs pulses once a minute.
The only difference is the version of LTC6995 used and
the POL bit setting, which controls whether the pulse is
positive or negative.
Voltage Controlled Frequency
Withoneadditionalresistor,theLTC6995outputfrequency
can be manipulated by an external voltage. As shown in
Figure 20, voltage VCTRL sources/sinks a current through
RVCO to vary the ISET current, which in turn modulates the
output frequency as described in Equation (3).
f
MHzk
NR
R
R
V
V
OUT
DIV
VCO
VCO
SET
CTRL
S
=+
150
1024
1
•
••
•–
Ω
EET


(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com