Electronic Components Datasheet Search
  English  ▼

X  

TDA8012AM Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA8012AM
Description  Low power PLL FM demodulator for satellite TV receivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8012AM Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA8012AM Datasheet HTML 5Page - NXP Semiconductors TDA8012AM Datasheet HTML 6Page - NXP Semiconductors TDA8012AM Datasheet HTML 7Page - NXP Semiconductors TDA8012AM Datasheet HTML 8Page - NXP Semiconductors TDA8012AM Datasheet HTML 9Page - NXP Semiconductors TDA8012AM Datasheet HTML 10Page - NXP Semiconductors TDA8012AM Datasheet HTML 11Page - NXP Semiconductors TDA8012AM Datasheet HTML 12Page - NXP Semiconductors TDA8012AM Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1997 May 26
9
Philips Semiconductors
Product specification
Low power PLL FM demodulator for
satellite TV receivers
TDA8012AM
13. For applications in which a fixed AGC threshold is used, it is recommended to use the internal resistor voltage divider
for lower AGC threshold spread. In this case, the threshold is set to 57 dB
µV.
14. In the application circuit (see Fig.4) the voltage at the AGC output decreases when the IF input level increases above
the adjusted AGC threshold.
15. The outputs from the AFC and carrier detector are combined at pin 19 (see Fig.3). During search tuning, when the
input frequency is outside the capture range, the combined output (carrier detector function) is at a LOW level
(any voltage below 0.6VCC). When the PLL becomes locked, the voltage at pin 19 rises to a HIGH level
(V19 = 0.8VCC to VCC). When the input channel is close to the centre frequency, V19 falls to the LOW level. As shown
in Fig.3, the voltage at pin 19 is now a function of the centre frequency (AFC function). This information may be read
by a microcontroller via the ADC of the satellite frequency synthesizer (TSA5055) and the I2C-bus.
16. This current discharges the external capacitors between two energy dispersal peak values and avoid the use of
external resistors in parallel with capacitors.
17. The drift of the automatic frequency control voltage is measured in accordance with the following method:
a) At room temperature (Tamb =25 °C) the TDA8012AM is driven by a 480 MHz unmodulated signal. The voltage at
pin 20 must be adjusted to obtain a 1.5 V output at the AFC output (pin 19).
b) At Tamb =80 °C, due to its temperature drift, the AFC output voltage differs from 1.5 V. The input frequency must
be adjusted to obtain 1.5 V at the AFC output. Then the VCO frequency fVCO is measured in free running mode
(without input signal). The drift of the automatic frequency control voltage will then be equal to the difference
between the input frequency and fVCO.
Fig.3 AFC and carrier detector output.
handbook, full pagewidth
MBH932
0
frequency
0.15
0.3
0.45
0.6
0.8
1
AFC DATA
V19
VCC
carrier detect on
f o
500 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com