Electronic Components Datasheet Search
  English  ▼

X  

TDA8012AM Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA8012AM
Description  Low power PLL FM demodulator for satellite TV receivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8012AM Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA8012AM Datasheet HTML 6Page - NXP Semiconductors TDA8012AM Datasheet HTML 7Page - NXP Semiconductors TDA8012AM Datasheet HTML 8Page - NXP Semiconductors TDA8012AM Datasheet HTML 9Page - NXP Semiconductors TDA8012AM Datasheet HTML 10Page - NXP Semiconductors TDA8012AM Datasheet HTML 11Page - NXP Semiconductors TDA8012AM Datasheet HTML 12Page - NXP Semiconductors TDA8012AM Datasheet HTML 13Page - NXP Semiconductors TDA8012AM Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1997 May 26
10
Philips Semiconductors
Product specification
Low power PLL FM demodulator for
satellite TV receivers
TDA8012AM
APPLICATION INFORMATION
Fig.4 Application circuit.
(1) 2.5 turns; diameter 2.0 mm.
(2) T1, T2 = BC547B.
handbook, full pagewidth
MBH933
3
4
STABILIZER
VCO
VIDEO BUFFER
TDA8012AM
1
2
5
6
7
8
9
10
CC
V
AGCO
Vth(AGC)
1 nF
video
KEY
AFC/CDO
20
19
18
17
16
15
14
13
12
A
11
CARRIER
DETECTOR
AFC
AGC
82 k
Ω
2.7 M
Ω
22
µF
1
µF
330 nF
330 nF
intermediate
frequency
input
10 nF
10 nF
4.7
k
Ω
2.7
k
Ω
1.5 k
Ω
330
Ω
330 nF
470
µF
75
Ω
680
Ω
15 k
Ω
T1(2)
T2(2)
+15 V
−15 V
1 nF
47
µF
8.2 pF
3.3 pF
(1)
220 pF
10
k
Ω
4.7 k
Ω
CC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com