Electronic Components Datasheet Search
  English  ▼

X  

TDA8366 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # TDA8366
Description  I2C-bus controlled PAL/NTSC TV processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8366 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button TDA8366 Datasheet HTML 10Page - NXP Semiconductors TDA8366 Datasheet HTML 11Page - NXP Semiconductors TDA8366 Datasheet HTML 12Page - NXP Semiconductors TDA8366 Datasheet HTML 13Page - NXP Semiconductors TDA8366 Datasheet HTML 14Page - NXP Semiconductors TDA8366 Datasheet HTML 15Page - NXP Semiconductors TDA8366 Datasheet HTML 16Page - NXP Semiconductors TDA8366 Datasheet HTML 17Page - NXP Semiconductors TDA8366 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
January 1995
14
Philips Semiconductors
Objective specification
I2C-bus controlled PAL/NTSC TV
processor
TDA8366
Table 12 Vertical divider mode
Table 13 Video ident mode
Table 14 Long blanking mode
Table 15 EHT tracking mode
Table 16 Enable vertical guard (RGB blanking)
Table 17 Service blanking
Table 18 Overvoltage input mode
Table 19 Vertical deflection mode
NCIN
VERTICAL DIVIDER MODE
0
normal operation
1
switched to search window
VID
VIDEO IDENT MODE
0
ϕ1 loop switched on and off
1
not active
LBM
BLANKING MODE
0
adapted to standard (50 or 60 Hz)
1
fixed in accordance with 50 Hz standard
HCO
TRACKING MODE
0
EHT tracking only on vertical
1
EHT tracking on vertical and EW
EVG
VERTICAL GUARD MODE
0
not active
1
active
SBL
SERVICE BLANKING MODE
0off
1on
PRD
OVERVOLTAGE MODE
0
detection mode
1
protection mode
EXP
CL
VERTICAL DEFLECTION MODE
0
0
normal
0
1
compress
1
0
expand
1
1
expand and lift
Table 20 Horizontal frequency during switch-on
Table 21 Condition Y/C input
Table 22 PAL/NTSC matrix
Table 23 Colour crystal PLL
Table 24 Y-delay adjustment; note 1
Note
1. For an equal delay of the luminance and chrominance
signal the delay must be set at a value of 160 ns. This
is only valid for a CVBS signal without group
delay distortions.
Table 25 RGB blanking
Table 26 Noise coring (peaking)
SFM
START-UP FREQUENCY
0
maximum
1
nominal
CVS
Y-INPUT MODE
0
switched to Y/C mode
1
switched to CVBS mode
MAT
MATRIX
0
adapted to standard
1PAL
PHL
STATE
0
PLL closed
1
oscillator free-running
YD0 to YD3
Y-DELAY
YD3
YD3
∗ 160 ns +
YD2
YD2
∗ 80 ns +
YD1
YD1
∗ 40 ns +
YD0
YD0
∗ 40 ns
RBL
RGB BLANKING
0
not active
1
active
COR
NOISE CORING
0off
1on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com