Electronic Components Datasheet Search
  English  ▼

X  

TDA8366 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # TDA8366
Description  I2C-bus controlled PAL/NTSC TV processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8366 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button TDA8366 Datasheet HTML 11Page - NXP Semiconductors TDA8366 Datasheet HTML 12Page - NXP Semiconductors TDA8366 Datasheet HTML 13Page - NXP Semiconductors TDA8366 Datasheet HTML 14Page - NXP Semiconductors TDA8366 Datasheet HTML 15Page - NXP Semiconductors TDA8366 Datasheet HTML 16Page - NXP Semiconductors TDA8366 Datasheet HTML 17Page - NXP Semiconductors TDA8366 Datasheet HTML 18Page - NXP Semiconductors TDA8366 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
January 1995
15
Philips Semiconductors
Objective specification
I2C-bus controlled PAL/NTSC TV
processor
TDA8366
Table 27 Enable fast blanking
Table 28 AFC window
Table 29 IF sensitivity
Table 30 Modulation standard
Table 31 Video mute
OUTPUT CONTROL BITS
Table 32 Power-on-reset
Table 33 Field frequency indication
Table 34 S-VHS status
IE1
FAST BLANKING
0
not active
1
active
AFW
AFC WINDOW
0
normal
1
enlarged
IFS
IF SENSITIVITY
0
normal
1
reduced
MOD
MODULATION
0
negative
1
positive
VSW
STATE
0
normal operation
1
IF-video signal switched off
POR
MODE
0
normal
1
power-down
FSI
FREQUENCY
050 Hz
160 Hz
STS
S-VHS INPUT
0
no signal
1
signal
Table 35 Phase 1 (
ϕ1) lock indication
Table 36 X-ray protection
Table 37 Colour decoder mode
Table 38 Output vertical guard
Table 39 Indication RGB insertion
Table 40 Output video identification
SL
INDICATION
0
not locked
1
locked
XPR
OVERVOLTAGE
0
no overvoltage detected
1
overvoltage detected
CD2
CD1
CD0
STANDARD
0
0
0
no colour standard identified
0
0
1
NTSC 3.6 MHz
0
1
0
PAL 4.4 MHz
0
1
1
SECAM
1
0
0
NTSC 4.4 MHz
1
0
1
PAL 3.6 MHz (pin 32)
1
1
0
PAL 3.6 MHz (pin 33)
1
1
1
spare
NDF
VERTICAL OUTPUT STAGE
0OK
1
failure
IN1
RGB INSERTION
0
no (pin 24 LOW)
1
yes (pin 24 HIGH)
IFI
VIDEO SIGNAL
0
no video signal identified
1
video signal identified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com