Electronic Components Datasheet Search
  English  ▼

X  

SMCXXXBF Datasheet(PDF) 75 Page - STMicroelectronics

Part # SMCXXXBF
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMCXXXBF Datasheet(HTML) 75 Page - STMicroelectronics

Back Button SMCXXXBF Datasheet HTML 71Page - STMicroelectronics SMCXXXBF Datasheet HTML 72Page - STMicroelectronics SMCXXXBF Datasheet HTML 73Page - STMicroelectronics SMCXXXBF Datasheet HTML 74Page - STMicroelectronics SMCXXXBF Datasheet HTML 75Page - STMicroelectronics SMCXXXBF Datasheet HTML 76Page - STMicroelectronics SMCXXXBF Datasheet HTML 77Page - STMicroelectronics SMCXXXBF Datasheet HTML 78Page - STMicroelectronics SMCXXXBF Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 91 page
background image
SMCxxxBF
CF-ATA command description
75/91
10.20
Standby (96h or E2)
This command causes the Card to set BSY, enter the Sleep mode (which corresponds to the
ATA ‘Standby’ Mode), clear BSY and return the interrupt immediately. Recovery from Sleep
mode is accomplished by issuing another command. Table 73 defines the Standby
command Byte sequence.
10.21
Standby Immediate (94h or E0h)
This command causes the Card to set BSY, enter the Sleep mode (which corresponds to the
ATA Standby Mode), clear BSY and return the interrupt immediately.
Recovery from Sleep mode is accomplished by issuing another command. Table 74 defines
the Standby Immediate Byte sequence.
Table 72.
Set Sleep Mode
Bit
765
4
3
2
1
0
Command (7)
99h or E6h
C/D/H (6)
X
Drive
X
Cyl High (5)
X
Cyl Low (4)
X
Sect Num (3)
X
Sect Cnt (2)
X
Feature (1)
X
Table 73.
Standby
Bit
7
6
54
32
1
0
Command (7)
96h or E2h
C/D/H (6)
X
Drive
X
Cyl High (5)
X
Cyl Low (4)
X
Sect Num (3)
X
Sect Cnt (2)
X
Feature (1)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com