Electronic Components Datasheet Search
  English  ▼

X  

SMCXXXBF Datasheet(PDF) 42 Page - STMicroelectronics

Part # SMCXXXBF
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMCXXXBF Datasheet(HTML) 42 Page - STMicroelectronics

Back Button SMCXXXBF Datasheet HTML 38Page - STMicroelectronics SMCXXXBF Datasheet HTML 39Page - STMicroelectronics SMCXXXBF Datasheet HTML 40Page - STMicroelectronics SMCXXXBF Datasheet HTML 41Page - STMicroelectronics SMCXXXBF Datasheet HTML 42Page - STMicroelectronics SMCXXXBF Datasheet HTML 43Page - STMicroelectronics SMCXXXBF Datasheet HTML 44Page - STMicroelectronics SMCXXXBF Datasheet HTML 45Page - STMicroelectronics SMCXXXBF Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 91 page
background image
Host configuration requirements
SMCxxxBF
42/91
7
Host configuration requirements
The CompactFlash Advanced Timing modes include PCMCIA-style I/O modes that are
faster than the original 250 ns cycle time (see Section 1: Summary description).
Before configuring the Card interface for the I/O mode, the host must ensure that all the
cards connected to a given electrical interface support I/O transfers faster than 250ns.
These modes must be used in the conditions described in Section 4.4. In particular, the host
can be connected to one card only. Consequently, the host must not configure a card to
operate in an CompactFlash Advanced Timing mode if two cards are sharing the same I/O
lines in Master/Slave operation, or if it is connected to the card through a cable which length
exceeds 0.15m.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com