Electronic Components Datasheet Search
  English  ▼

X  

SMCXXXBF Datasheet(PDF) 37 Page - STMicroelectronics

Part # SMCXXXBF
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMCXXXBF Datasheet(HTML) 37 Page - STMicroelectronics

Back Button SMCXXXBF Datasheet HTML 33Page - STMicroelectronics SMCXXXBF Datasheet HTML 34Page - STMicroelectronics SMCXXXBF Datasheet HTML 35Page - STMicroelectronics SMCXXXBF Datasheet HTML 36Page - STMicroelectronics SMCXXXBF Datasheet HTML 37Page - STMicroelectronics SMCXXXBF Datasheet HTML 38Page - STMicroelectronics SMCXXXBF Datasheet HTML 39Page - STMicroelectronics SMCXXXBF Datasheet HTML 40Page - STMicroelectronics SMCXXXBF Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 91 page
background image
SMCxxxBF
Card Configuration
37/91
6.4
Socket and Copy Register (206h in Attribute Memory)
This register contains additional configuration information which identifies the Card from
other cards. This register is always written by the system before writing the Configuration
Option Register (see Table 31).
6.4.1
Drive #
This value can be used to address two different cards in the case of twin card configuration.
6.4.2
X
The socket number is ignored by the Card.
Table 30.
Pin Replacement Changed Bit/Mask Bit Values
Initial Value of
‘C’ Status
Written by Host
Final ‘C’ Bit
Comments
‘C’ Bit
‘M’ Bit
0
X
0
0
Unchanged
1
X
0
1
Unchanged
X
0
1
0
Cleared by Host
X
111
Set by Host
Table 31.
Socket and Copy Register (default value: 00h)
Operation
D7
D6D5
D4D3
D2D1
D0
Read
Reserved
0
0
Drive #
0
0
0
0
Write
0
0
0
Drive #
X
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com