Electronic Components Datasheet Search
  English  ▼

X  

TDA8425 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8425
Description  Hi-fi stereo audio processor; I2C-bus
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8425 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8425 Datasheet HTML 9Page - NXP Semiconductors TDA8425 Datasheet HTML 10Page - NXP Semiconductors TDA8425 Datasheet HTML 11Page - NXP Semiconductors TDA8425 Datasheet HTML 12Page - NXP Semiconductors TDA8425 Datasheet HTML 13Page - NXP Semiconductors TDA8425 Datasheet HTML 14Page - NXP Semiconductors TDA8425 Datasheet HTML 15Page - NXP Semiconductors TDA8425 Datasheet HTML 16Page - NXP Semiconductors TDA8425 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
October 1988
13
Philips Semiconductors
Product specification
Hi-fi stereo audio processor; I2C-bus
TDA8425
Note to the AC characteristics
1. Balance is realized via software by different volume settings in both channels (left and right).
BASS CONTROL
For truth table see Table 7
Control range
for C6-7; C15-16 = 33 nF
Maximum emphasis at 40 Hz with
respect to linear position
G
14
15
16
dB
Maximum attenuation at 40 Hz with
respect to linear position
G
11
12
13
dB
Resolution
Gstep
2.5
3.0
3.5
dB/step
SPATIAL AND PSEUDO FUNCTION
Spatial:
Antiphase crosstalk
α−
52
−
%
Pseudo:
Phase shift (see Fig.8)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Fig.7 Timing requirements for I2C-bus.
tSU; STA = start code set-up time.
tHD; STA = start code hold time.
tSU; STO = stop code set-up time.
tBUF = bus free time.
tSU; DAT = data set-up time.
tHD; DAT = data hold time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com