Electronic Components Datasheet Search
  English  ▼

X  

TDA8425 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8425
Description  Hi-fi stereo audio processor; I2C-bus
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8425 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8425 Datasheet HTML 1Page - NXP Semiconductors TDA8425 Datasheet HTML 2Page - NXP Semiconductors TDA8425 Datasheet HTML 3Page - NXP Semiconductors TDA8425 Datasheet HTML 4Page - NXP Semiconductors TDA8425 Datasheet HTML 5Page - NXP Semiconductors TDA8425 Datasheet HTML 6Page - NXP Semiconductors TDA8425 Datasheet HTML 7Page - NXP Semiconductors TDA8425 Datasheet HTML 8Page - NXP Semiconductors TDA8425 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
October 1988
2
Philips Semiconductors
Product specification
Hi-fi stereo audio processor; I2C-bus
TDA8425
GENERAL DESCRIPTION
The TDA8425 is a monolithic bipolar integrated stereo sound circuit with a loudspeaker channel facility, digitally
controlled via the I2C-bus for application in hi-fi audio and television sound.
Feature:
• Source and mode selector for two stereo channels
• Pseudo stereo, spatial stereo, linear stereo and forced mono switch
• Volume and balance control
• Bass, treble and mute control
• Power supply with power-on reset
QUICK REFERENCE DATA
PACKAGE OUTLINE
20-lead dual in-line; plastic (SOT146); SOT146-1; 1996 November 26.
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage (pin 4)
VCC
10.8
12.0
13.2
V
Input signal handling
Vl
2
−−
V
Input sensitivity
full power at the output stage
Vi
−
300
−
mV
Signal plus noise-to-noise ratio
(S+N)/N
−
86
−
dB
Total harmonic distortion
THD
−
0.05
−
%
Channel separation
α−
80
−
dB
Volume control range
G
−64
−
6dB
Treble control range
G
−12
−
12
dB
Bass control range
G
−12
−
15
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com