Electronic Components Datasheet Search
  English  ▼

X  

TDA8425 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8425
Description  Hi-fi stereo audio processor; I2C-bus
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8425 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8425 Datasheet HTML 1Page - NXP Semiconductors TDA8425 Datasheet HTML 2Page - NXP Semiconductors TDA8425 Datasheet HTML 3Page - NXP Semiconductors TDA8425 Datasheet HTML 4Page - NXP Semiconductors TDA8425 Datasheet HTML 5Page - NXP Semiconductors TDA8425 Datasheet HTML 6Page - NXP Semiconductors TDA8425 Datasheet HTML 7Page - NXP Semiconductors TDA8425 Datasheet HTML 8Page - NXP Semiconductors TDA8425 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
October 1988
4
Philips Semiconductors
Product specification
Hi-fi stereo audio processor; I2C-bus
TDA8425
PINNING
FUNCTIONAL DESCRIPTION
Source selector
The input to channel 1 (CH1) and channel 2 (CH2) is determined by the source selector. The selection is made from the
following AF input signals:
• IN 1 L (pin 18); IN1 R (pin 20)
or
• IN2 L (pin 1); IN2 R (pin 3)
Mode selector
The mode selector selects between stereo, sound A and sound B (in the event of bilingual transmission) for OUT R and
OUT L.
Volume control and balance
The volume control consists of two stages (left and right). In each part the gain can be adjusted between +6 dB and
−64 dB in steps of 2 dB. An additional step allows an attenuation of ≥ 80 dB. Both parts can be controlled independently
over the whole range, which allows the balance to be varied by controlling the volume of left and right output channels.
Linear stereo, pseudo stereo, spatial stereo and forced mono mode(1)
It is possible to select four modes: linear stereo, pseudo stereo, spatial stereo or forced mono. The pseudo stereo mode
handles mono transmissions, the spatial stereo mode handles stereo transmissions and the forced mono can be used
in the event of stereo signals.
(1) During forced mono mode the pseudo stereo mode cannot be used.
Fig.2 Pinning diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com