Electronic Components Datasheet Search
  English  ▼

X  

TDA8440 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8440
Description  Switch for CTV receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8440 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8440 Datasheet HTML 4Page - NXP Semiconductors TDA8440 Datasheet HTML 5Page - NXP Semiconductors TDA8440 Datasheet HTML 6Page - NXP Semiconductors TDA8440 Datasheet HTML 7Page - NXP Semiconductors TDA8440 Datasheet HTML 8Page - NXP Semiconductors TDA8440 Datasheet HTML 9Page - NXP Semiconductors TDA8440 Datasheet HTML 10Page - NXP Semiconductors TDA8440 Datasheet HTML 11Page - NXP Semiconductors TDA8440 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
November 1985
8
Philips Semiconductors
Product specification
Switch for CTV receivers
TDA8440
Voltage gain
V9-12
−10
+ 1dB
V10-12
−10
+ 1dB
V5-14
−10
+ 1dB
V7-14
−10
+ 1dB
Isolation (off state) (f = 20 kHz)
90
−−
dB
Signal-to-noise ratio (note 5)
S/S
+ N90
−−
dB
Total harmonic distortion (note 7)
THD
−−
0,1
%
Crosstalk attenuation for interferences
caused by video signals (note 6)
Weighted
α
80
−−
dB
Unweighted
α
80
−−
dB
Crosstalk attenuation for interferences
caused by sinusoidal sound signals
(note 6)
α
80
−−
dB
Crosstalk attenuation for interferences
caused by the bus signal (weighted)
(source impedance = 1 k
Ω)80
−−
dB
Supply voltage rejection
RR
50
−−
dB
Bandwidth (
−1 dB)
B
50
−−
kHz
I2C bus inputs/outputs SDA (pin 17) and SCL
(pin 18)
Input voltage HIGH
VIH
3
−
VP
V
Input voltage LOW
VIL
−0,3
−+ 1,5
V
Input current HIGH(1)
IIH
−−
10
µA
Input current LOW(1)
IIL
−−
10
µA
Output voltage LOW at IOL = 3 mA
VOL
−−
0,4
V
Maximum output sink current
IOL
−
5
−
mA
Capacitance of SDA and SDL inputs,
pins 17 and 18
CI
−−
10
pF
Sub-address inputs S0 (pin 11), S1 (pin 13), S2 (pin 6)
Input voltage HIGH
VIH
3
−
VP
V
Input voltage LOW
VIL
−0,3
−+ 0,4
V
Input current HIGH
IIH
−−
10
µA
Input current LOW
IIL
−50
−
0
µA
OFF input (pin 2)
Input voltage HIGH
VIH
+3
−
VP
V
Input voltage LOW
VIL
−0,3
−+ 0,4
V
Input current HIGH
IIH
−−
20
µA
Input current LOW
IIL
−10
−
2
µA
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com