Electronic Components Datasheet Search
  English  ▼

X  

TDA8440 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8440
Description  Switch for CTV receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8440 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8440 Datasheet HTML 1Page - NXP Semiconductors TDA8440 Datasheet HTML 2Page - NXP Semiconductors TDA8440 Datasheet HTML 3Page - NXP Semiconductors TDA8440 Datasheet HTML 4Page - NXP Semiconductors TDA8440 Datasheet HTML 5Page - NXP Semiconductors TDA8440 Datasheet HTML 6Page - NXP Semiconductors TDA8440 Datasheet HTML 7Page - NXP Semiconductors TDA8440 Datasheet HTML 8Page - NXP Semiconductors TDA8440 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
November 1985
4
Philips Semiconductors
Product specification
Switch for CTV receivers
TDA8440
FUNCTIONAL DESCRIPTION
The TDA8440 is a monolithic system of switches and can be used in CTV receivers equipped with an AUXILIARY
VIDEO/AUDIO plug.
The IC incorporates 3-state switches; they comprise:
a) An electronic video switch with selectable gain (times 1 or times 2) for switching between an internal video signal
(from the IF amplifier) and an AUXILIARY input signal.
b) Two electronic audio switches, for two sound channels (stereo or dual language), for switching between internal
audio sources and signals from the AUXILIARY VIDEO/AUDIO plug.
A selection can be made between two input signals and an OFF-state. The OFF-state is necessary if more than one
TDA8440 device is used.
The SDA and SCL pins can be connected to the I2C bus or to d.c. switching voltages. Inputs S0 (pin 11), S1 (pin 13), and
S2 (pin 6) are used for selection of sub-addresses or switching to the non-I2C mode. Inputs S0, S1 and S2 can be
connected to the supply voltage (H) or to ground (L). In this way no peripheral components are required for selection.
Table 1
Sub-addressing
NON-I2C BUS CONTROL
If the TDA8440 switching device has to be operated via the AUXILIARY VIDEO/AUDIO plug, inputs S2, S1 and S0 must
be connected to the supply line (12 V).
The sources (internal and external) and the gain of the video amplifier can be selected via the SDA and SCL pins with
the switching voltage from the AUXILIARY VIDEO/AUDIO plug:
• Sources I are selected if SDA = 12 V (external source)
• Sources II are selected if SDA = 0 V (TV mode)
• Video amplifier gain is 2 × if SCL = 12 V (external source)
• Video amplifier gain is 1 × if SCL = 0 V (TV mode)
If more than one TDA8440 device is used in the non-I2C bus system, the OFF pin can be used to switch off the desired
devices. This can be done via the 12 V switching voltage on the AUXILIARY VIDEO/AUDIO plug.
• All switches are in the OFF position if OFF = H (12 V)
• All switches are in the selected position via SDA and SCL pins if OFF = L (0 V)
S2
S1
S0
SUB-ADDRESS
A2
A1
A0
LL
L0
0
0
LL
H
0
0
1
LH
L
0
1
0
LH
H0
1
1
HL
L
1
0
0
HL
H1
0
1
HH
L
1
1
0
H
H
H
non I2C addressable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com