Electronic Components Datasheet Search
  English  ▼

X  

TDA8440 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8440
Description  Switch for CTV receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8440 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8440 Datasheet HTML 1Page - NXP Semiconductors TDA8440 Datasheet HTML 2Page - NXP Semiconductors TDA8440 Datasheet HTML 3Page - NXP Semiconductors TDA8440 Datasheet HTML 4Page - NXP Semiconductors TDA8440 Datasheet HTML 5Page - NXP Semiconductors TDA8440 Datasheet HTML 6Page - NXP Semiconductors TDA8440 Datasheet HTML 7Page - NXP Semiconductors TDA8440 Datasheet HTML 8Page - NXP Semiconductors TDA8440 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
November 1985
2
Philips Semiconductors
Product specification
Switch for CTV receivers
TDA8440
GENERAL DESCRIPTION
The TDA8440 is a versatile video/audio switch, intended to
be used in CTV receivers equipped with an AUXILIARY
VIDEO/AUDIO plug.
It provides two 3-state switches for audio channels and
one 3-state switch for the video channel and a video
amplifier with selectable gain (times 1 or times 2).
The integrated circuit can be used in conjunction with a
microcontroller from the MAB8400 family, and is controlled
via a bidirectional I2C bus. Sufficient sub-addressing is
provided for the I2C bus mode. It can also be controlled
directly by d.c. switching signals.
Features
• Combined analogue and digital circuitry gives maximum
flexibility in channel switching
• 3-state switches for all channels
• Selectable gain for the video channels
• Sub-addressing facility
• I2C bus or non-I2C bus mode (controlled by d.c.
voltages)
• Slave receiver in the I2C bus mode
• External OFF command
• System expansion possible up to 7 devices (14 sources)
• Static short-circuit proof outputs
QUICK REFERENCE DATA
PACKAGE OUTLINE
18-lead DIL; plastic (SOT102); SOT102-1; 1996 November 19.
Supply voltage range
V15-4
10 to 13,2 V
Supply current (without load)
I15
typ.
33 mA
max.
50 mA
Storage temperature
Tstg
max.
+ 125 °C
Operating ambient temperature range
Tamb
0 to
+ 70 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com