Electronic Components Datasheet Search
  English  ▼

X  

TDA844 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA844
Description  Octuple 6-bit DACs with I2C-bus
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA844 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA844 Datasheet HTML 3Page - NXP Semiconductors TDA844 Datasheet HTML 4Page - NXP Semiconductors TDA844 Datasheet HTML 5Page - NXP Semiconductors TDA844 Datasheet HTML 6Page - NXP Semiconductors TDA844 Datasheet HTML 7Page - NXP Semiconductors TDA844 Datasheet HTML 8Page - NXP Semiconductors TDA844 Datasheet HTML 9Page - NXP Semiconductors TDA844 Datasheet HTML 10Page - NXP Semiconductors TDA844 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1999 Apr 29
7
Philips Semiconductors
Product specification
Octuple 6-bit DACs with I2C-bus
TDA8444; TDA8444T;
TDA8444AT
THERMAL CHARACTERISTICS
Note
1. When mounted on a Printed-Circuit Board (PCB).
CHARACTERISTICS
VCC = 12 V; Tamb =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
TDA8444
75
K/W
TDA8444T
note 1
100
K/W
TDA8444AT
note 1
85
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VCC
supply voltage
4.5
12
13.2
V
ICC
supply current
VMAX =VCC =12V;
data = 00H
12
14
19
mA
P
power dissipation
−
170
250
mW
Vrst
power reset voltage
1
−
4V
Pin VMAX
Vi(VMAX)
input effective voltage
1
−
VCC − 2.0
V
Ii
input current
VMAX =VCC
−−
10
µA
VMAX =1V
−−
10
µA
Pins SDA and SCL
VI
input voltage
0
−
5.5
V
VIL
LOW-level input voltage
−−
1.0
V
VIH
HIGH-level input voltage
3.0
−−
V
IIL
LOW-level input current
VSDA =VSCL = −0.3 V −−−10
µA
IIH
HIGH-level input current
VSDA =VSCL =6V
−−±10
µA
PIN SDA
VOL
LOW-level output voltage
IL =3mA
−−
0.4
V
Io(sink)
output sink current
3
8
−
mA
Address bits (A0 to A2)
VI
input voltage
0
−
VCC
V
VIL
LOW-level input voltage
−−
1.0
V
VIH
HIGH-level input voltage
2.2
−−
V
IIL
LOW-level input current
VAn =VEE
−10
−15
−µA
IIH
HIGH-level input current
VAn =VCC
−−
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com