Electronic Components Datasheet Search
  English  ▼

X  

TDA844 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA844
Description  Octuple 6-bit DACs with I2C-bus
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA844 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA844 Datasheet HTML 4Page - NXP Semiconductors TDA844 Datasheet HTML 5Page - NXP Semiconductors TDA844 Datasheet HTML 6Page - NXP Semiconductors TDA844 Datasheet HTML 7Page - NXP Semiconductors TDA844 Datasheet HTML 8Page - NXP Semiconductors TDA844 Datasheet HTML 9Page - NXP Semiconductors TDA844 Datasheet HTML 10Page - NXP Semiconductors TDA844 Datasheet HTML 11Page - NXP Semiconductors TDA844 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1999 Apr 29
8
Philips Semiconductors
Product specification
Octuple 6-bit DACs with I2C-bus
TDA8444; TDA8444T;
TDA8444AT
Note
1. The output voltage is typically:
with Vswing =Vo(3FH) − Vo(00H) for VMAX =VCC.
DACs (DAC0 to DAC7)
Vo
DAC output voltage
VMAX =VCC
0.1
−
VCC − 0.5
V
Vo(min)
minimum output voltage
data = 00H;
IL = −2mA
0.1
0.28
0.5
V
Vo(max)
maximum output voltage
data = 3FH;
IL = −2mA
VMAX =VCC
10.0
10.5
11.5
V
1<VMAX <10V
−
note 1
−
V
Io(sink)
output sink current
VDAC =VCC;
data = 1FH
2815
mA
Io(source)
output source current
VDAC =VEE;
data = 1FH
−2
−−6mA
Zo
output impedance
−2 ≤ IL ≤ +2 mA;
data = 1FH
−
450
Ω
DNL
differential non-linearity
VMAX =VCC;
IL = −2mA
−−±0.5
LSB
INL
integral non-linearity
VMAX =VCC;
IL = −2mA
−−±0.5
LSB
∆G
FS
DC gain match at full-scale
data = 3FH;
IL = −2mA
−−
5%
∆G/∆data
DC gain versus other DAC
data change
data = 3FH;
IL = −2mA
−
<
±0.5
−
LSB
TC
temperature coefficient
data = 3FH;
IL = −2mA
−
<
±0.1
−
LSB/K
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
swing
V
CC
2.0
–
()
--------------------------------
V
MAX
V
o00H
()
+
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com