Electronic Components Datasheet Search
  English  ▼

X  

TDA844 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA844
Description  Octuple 6-bit DACs with I2C-bus
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA844 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA844 Datasheet HTML 1Page - NXP Semiconductors TDA844 Datasheet HTML 2Page - NXP Semiconductors TDA844 Datasheet HTML 3Page - NXP Semiconductors TDA844 Datasheet HTML 4Page - NXP Semiconductors TDA844 Datasheet HTML 5Page - NXP Semiconductors TDA844 Datasheet HTML 6Page - NXP Semiconductors TDA844 Datasheet HTML 7Page - NXP Semiconductors TDA844 Datasheet HTML 8Page - NXP Semiconductors TDA844 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1999 Apr 29
4
Philips Semiconductors
Product specification
Octuple 6-bit DACs with I2C-bus
TDA8444; TDA8444T;
TDA8444AT
PINNING
SYMBOL
PIN
DESCRIPTION
TDA8444
(DIP16)
TDA8444T
(SO16)
TDA8444AT
(SO20)
VCC
1
1
1
supply voltage
VMAX
2
2
2
control input for DAC maximum output voltage
SDA
3
3
3
I2C-bus serial data input/output
SCL
4
4
4
I2C-bus serial clock
A0
5
6
7
programmable address bit 0 for I2C-bus slave receiver
A1
6
7
8
programmable address bit 1 for I2C-bus slave receiver
A2
7
−
9
programmable address bit 2 for I2C-bus slave receiver
VEE
8
8
10
ground
DAC0
9
9
11
analog voltage output 0
DAC1
10
10
13
analog voltage output 1
DAC2
11
11
14
analog voltage output 2
DAC3
12
12
15
analog voltage output 3
DAC4
13
13
16
analog voltage output 4
DAC5
14
14
17
analog voltage output 5
DAC6
15
15
18
analog voltage output 6
DAC7
16
16
20
analog voltage output 7
n.c.
−
5
5, 6, 12, 19
not connected
Fig.2 Pin configuration (TDA8444; DIP16).
handbook, halfpage
TDA8444
MGH512
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VEE
DAC0
A2
DAC1
A1
DAC2
DAC3
DAC4
DAC5
DAC6
DAC7
A0
SCL
SDA
VMAX
VCC
Fig.3 Pin configuration (TDA8444T; SO16).
handbook, halfpage
TDA8444T
MGL531
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VEE
DAC0
A1
DAC1
A0
DAC2
DAC3
DAC4
DAC5
DAC6
DAC7
n.c.
SCL
SDA
VMAX
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com