Electronic Components Datasheet Search
  English  ▼

X  

TS912 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TS912
Description  Rail-to-Rail CMOS Dual Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS912 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TS912_06 Datasheet HTML 5Page - STMicroelectronics TS912_06 Datasheet HTML 6Page - STMicroelectronics TS912_06 Datasheet HTML 7Page - STMicroelectronics TS912_06 Datasheet HTML 8Page - STMicroelectronics TS912_06 Datasheet HTML 9Page - STMicroelectronics TS912_06 Datasheet HTML 10Page - STMicroelectronics TS912_06 Datasheet HTML 11Page - STMicroelectronics TS912_06 Datasheet HTML 12Page - STMicroelectronics TS912_06 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Electrical Characteristics
TS912
9/19
Figure 2.
Supply current (each amplifier)
vs. supply voltage
Figure 3.
High level output voltage vs. high
level output current
Figure 4.
Low level output voltage vs. low
level output current
Figure 5.
Input bias current vs. temperature
Figure 6.
High level output voltage vs. high
level output current
Figure 7.
Low level output voltage vs. low
level output current
CC
SUPPLY VOLTAGE, V
(V)
0
4
8
12
16
T
= 25°C
A
= 1
V = V
/ 2
amb
VCL
O
CC
600
500
400
300
200
100
5
-70
-56
-42
-28
-14
0
amb
id
T
= 25 C
V = 100mV
°
V = +5V
CC
V = +3V
CC
4
3
2
1
0
OH
OUTPUT CURRENT, I
(mA)
1
14
28
42
56
70
amb
id
T
= 25 C
V = -100mV
°
V
= +5V
CC
V
= +3V
CC
0
OL
OUTPUT CURRENT, I
(mA)
2
3
4
5
25
50
75
100
125
V
= 10V
V = 5V
No load
CC
i
100
10
1
amb
TEMPERATURE, T
( C)
°
4
0
V
= +16V
CC
V
= +10V
CC
OH
OUTPUT CURRENT, I
(mA)
12
8
20
16
-70
-56
-42
-28
-14
0
amb
id
°
T
= 25 C
V = 100mV
2
amb
id
T
= 25 C
V = -100mV
°
0
V
= 10V
CC
V
= 16V
CC
OL
OUTPUT CURRENT, I
(mA)
4
6
8
10
14
28
42
56
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com