Electronic Components Datasheet Search
  English  ▼

X  

TS912 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS912
Description  Rail-to-Rail CMOS Dual Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS912 Datasheet(HTML) 3 Page - STMicroelectronics

  TS912_06 Datasheet HTML 1Page - STMicroelectronics TS912_06 Datasheet HTML 2Page - STMicroelectronics TS912_06 Datasheet HTML 3Page - STMicroelectronics TS912_06 Datasheet HTML 4Page - STMicroelectronics TS912_06 Datasheet HTML 5Page - STMicroelectronics TS912_06 Datasheet HTML 6Page - STMicroelectronics TS912_06 Datasheet HTML 7Page - STMicroelectronics TS912_06 Datasheet HTML 8Page - STMicroelectronics TS912_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TS912
Absolute Maximum Ratings and Operating Conditions
3/19
2
Absolute Maximum Ratings and Operating
Conditions
Table 1.
Key parameters and their absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
1.
All voltages values, except differential voltage are with respect to network ground terminal.
18
VCC
Vid
Differential Input Voltage (2)
2.
Differential voltages are non-inverting input terminal with respect to the inverting input terminal.
±18
Vid
Vi
Input Voltage (3)
3.
The magnitude of input and output voltages must never exceed VCC
+ +0.3V.
-0.3 to 18
Vi
Iin
Current on Inputs
±50
Iin
Io
Current on Outputs
±130
Io
Toper
Operating Free Air Temperature Range
TS912I/AI/BI
-40 to + 125
Toper
Tstg
Storage Temperature
-65 to +150
Tstg
Tj
Maximum Junction Temperature
150
Tj
Rthja
Thermal Resistance Junction to Ambient (4)
DIP8
SO-8
4.
Short-circuits can cause excessive heating. Destructive dissipation can result from simultaneous short-circuit on all
amplifiers. These values are typical.
85
125
°C/W
Rthjc
Thermal Resistance Junction to Case
DIP8
SO-8
41
40
°C/W
ESD
HBM: Human Body Model(5)
5.
Human body model, 100pF discharged through a 1.5k
Ω resistor into pin of device.
3kV
MM: Machine Model(6)
6.
Machine model ESD, a 200pF cap is charged to the specified voltage, then discharged directly into the IC with no external
series resistor (internal resistor < 5
Ω), into pin to pin of device.
200
V
CDM: Charged Device Model
1500
kV
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2.7 to 16
V
Vicm
Common Mode Input Voltage Range
VCC
- -0.2 to V
CC
+
+0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com