Electronic Components Datasheet Search
  English  ▼

X  

TS912 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TS912
Description  Rail-to-Rail CMOS Dual Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS912 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TS912_06 Datasheet HTML 6Page - STMicroelectronics TS912_06 Datasheet HTML 7Page - STMicroelectronics TS912_06 Datasheet HTML 8Page - STMicroelectronics TS912_06 Datasheet HTML 9Page - STMicroelectronics TS912_06 Datasheet HTML 10Page - STMicroelectronics TS912_06 Datasheet HTML 11Page - STMicroelectronics TS912_06 Datasheet HTML 12Page - STMicroelectronics TS912_06 Datasheet HTML 13Page - STMicroelectronics TS912_06 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Electrical Characteristics
TS912
10/19
Figure 8.
Gain and phase vs. frequency
Figure 9.
Gain bandwidth product vs. supply
voltage
Figure 10. Phase margin vs. supply voltage
Figure 11. Gain and phase vs. frequency
Figure 12. Gain bandwidth product vs. supply
voltage
Figure 13. Phase margin vs. supply voltage
50
40
30
20
10
0
-10
0
45
90
135
180
FREQUENCY, f (Hz)
PHASE
GAIN
Phase
Margin
Gain
Bandwidth
Product
6
10
10
23
10
4
10
5
10
7
10
T
= 25°C
V
= 10V
R = 10k W
C = 100pF
A
= 100
amb
CC
L
L
VCL
SUPPLY VOLTAGE, V
(V)
CC
0
4
8
12
16
1800
T
= 25°C
R = 10kW
C = 100pF
amb
L
L
1400
1000
600
200
SUPPLY VOLTAGE, V
(V)
CC
0
4
8
12
16
60
50
40
30
20
T
= 25°C
R = 10kW
C = 100pF
amb
L
L
50
40
30
20
10
0
-
10
0
45
90
135
180
FREQUENCY, f (Hz)
PHASE
GAIN
Phase
Margin
Gain
Bandwidth
Product
6
10
10
23
10
4
10
5
10
7
10
T
= 25°C
V
= 10V
R = 600W
C = 100pF
A
= 100
amb
CC
L
L
VCL
SUPPLY VOLTAGE, V
(V)
CC
0
4
8
12
16
T
= 25°C
R = 600W
C = 100pF
amb
L
L
1800
1400
1000
600
200
SUPPLY VOLTAGE, V
(V)
CC
0
4
8
12
16
60
50
40
30
20
T
= 25°C
R = 600W
C = 100pF
amb
L
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com