Electronic Components Datasheet Search
  English  ▼

X  

AP5057 Datasheet(PDF) 4 Page - Wuxi Chipown Micro-electronics limited

Part # AP5057
Description  1A Linear Li-Ion Battery Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

AP5057 Datasheet(HTML) 4 Page - Wuxi Chipown Micro-electronics limited

  AP5057 Datasheet HTML 1Page - Wuxi Chipown Micro-electronics limited AP5057 Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited AP5057 Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited AP5057 Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited AP5057 Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited AP5057 Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited AP5057 Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AP5057
Chipown
8/F, ChuangYuan Building No.21-1 Changjiang Road, Wuxi New Destrict Tel: +86(510)8521-7718
http://www.chipown.com.cn
Threshold
RPROG=2k
0.085
0.1
0.115
mA/mA
PROG pin Voltage
Vprog
RPROG =1k, Current mode
0.93
1.0
1.07
V
CHRG pin Output low voltage
Vchrg
Ichrg=5mA
0.68
0.75
V
STDBY pin Output low
voltage
Vstdby
Istdby=5mA
0.68
0.75
V
Recharge Battery threshold
Voltage
ΔVrecg
VFLOAT - VRECHRG
50
100
200
mV
CE high voltage
Vce-h
1.2
V
CE low voltage
Vce-l
0.6
V
TEMP pin voltage of the
high-end flip
Vtemp-h
80
82
%Vcc
TEMP pin voltage of the
low-end flip
Vtemp-l
43
45
%Vcc
Limited temperature patterns
in the junction temperature
Tlim
145
℃
Typical Performance Characteristics
Ibat Vs Vbat
0
100
200
300
400
500
600
2.7
3
3.3
3.6
3.9
4.2
4.5
Vbat(V)
Vin=5V,Rprog=2K
Ibat vs Vin
0
200
400
600
800
1000
1200
4
4.5
5
5.5
6
Vin(V)
Rprog=1K
Rprog=2K
Vfloat vs Vin
4.150
4.160
4.170
4.180
4.190
4.200
4.210
4.220
4.230
4.240
4
4.5
5
5.5
6
Vin(V)
Rprog=10K
Vprog vs Vin
0.980
0.985
0.990
0.995
1.000
1.005
1.010
1.015
1.020
44.55
5.5
Vin(V)
6
Rprog=10K
V2.0
4 / 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com