Electronic Components Datasheet Search
  English  ▼

X  

AP5057 Datasheet(PDF) 1 Page - Wuxi Chipown Micro-electronics limited

Part # AP5057
Description  1A Linear Li-Ion Battery Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

AP5057 Datasheet(HTML) 1 Page - Wuxi Chipown Micro-electronics limited

  AP5057 Datasheet HTML 1Page - Wuxi Chipown Micro-electronics limited AP5057 Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited AP5057 Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited AP5057 Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited AP5057 Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited AP5057 Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited AP5057 Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP5057
Chipown
8/F, ChuangYuan Building No.21-1 Changjiang Road, Wuxi New Destrict Tel: +86(510)8521-7718
http://www.chipown.com.cn
Using SOP8 package
1A Linear Li-Ion Battery Charger
General Description
The AP5057 is a complete constant current & constant
voltage linear charger for single cell lithium-ion batteries.
Its SOP package and low external component count
make the AP5057 ideally suited for portable applications.
Furthermore, the AP5057 is specifically designed to
work within USB power specifications.
No external sense resistor is needed, and no blocking
diode is required due to the internal MOSFET
architecture. Thermal feedback regulates the charge
current to limit the die temperature during high power
operation or high ambient temperature. The charge
voltage is fixed at 4.2V, and the charge current can be
programmed externally with a single resistor. The
AP5057 automatically terminates the charge cycle when
the charge current drops to 1/10th the programmed value
after the final float voltage is reached.
When the input supply (wall adapter or USB supply) is
removed, the AP5057 automatically enters a low current
state, dropping the battery drain current to less than 2uA.
The AP5057 can be put into shutdown mode, reducing
the supply current to 50uA.
Other features include Battery temperature monitor,
under-voltage lockout, automatic recharge and two status
pins to indicate charge and charge termination.
Applications
Cellular Telephones, PDAs, MP3 /MP4 Players
Charging Docks and Cradles
Bluetooth 、GPS Applications
Features
Programmable Charge Current Up to 1000mA
No MOSFET, Sense Resistor or Blocking Diode
Required
Complete Linear Charger in SOP Package for single
Cell Lithium-Ion Batteries
Constant-Current/Constant-Voltage Operation with
Thermal Regulation to Maximize Charge Rate
Without Risk of Overheating
Charges Single Cell Li-Ion Batteries Directly from
USB Port
Preset 4.2V Charge Voltage
Charge Current Monitor Output for Gas Gauging
Automatic Recharge
Charge state pairs of output, no battery and fault
status display
C/10 Charge Termination
50uA Supply Current in Shutdown
2.9V Trickle Charge Threshold
Soft-Start Limits Inrush Current
Battery temperature monitoring function
Available in SOP8-PP Package
Package
SOP8-PP
Typical Application Circuit
Figure 1. Basic Application Circuit with AP5057
V2.0
1 / 7


Similar Part No. - AP5057

ManufacturerPart #DatasheetDescription
logo
Extreme Networks.
AP5050D EXTREMENETWORKS-AP5050D Datasheet
944Kb / 18P
Wi-Fi 6E Tri-Radio IP67-Rated Outdoor Access Point
4sep24
AP5050U EXTREMENETWORKS-AP5050U Datasheet
944Kb / 18P
Wi-Fi 6E Tri-Radio IP67-Rated Outdoor Access Point
4sep24
logo
List of Unclassifed Man...
AP5056 ETC2-AP5056 Datasheet
730Kb / 9P
1A Linear Li-Ion Battery Charger
logo
Extreme Networks.
AP505I EXTREMENETWORKS-AP505I Datasheet
259Kb / 7P
Wi-Fi 6 (802.11ax) Dual-Radio Access Point with Integrated Antenna
9aug23
AP505I-FCC EXTREMENETWORKS-AP505I-FCC Datasheet
259Kb / 7P
Wi-Fi 6 (802.11ax) Dual-Radio Access Point with Integrated Antenna
9aug23
More results

Similar Description - AP5057

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3683 ANALOGICTECH-AAT3683 Datasheet
595Kb / 24P
1A Linear Li-Ion Battery Charger
AAT3683 ANALOGICTECH-AAT3683_08 Datasheet
455Kb / 23P
1A Linear Li-Ion Battery Charger
logo
Skyworks Solutions Inc.
AAT3683 SKYWORKS-AAT3683_12 Datasheet
1Mb / 22P
1A Linear Li-Ion Battery Charger
logo
List of Unclassifed Man...
AP5056 ETC2-AP5056 Datasheet
730Kb / 9P
1A Linear Li-Ion Battery Charger
logo
Billiton Ltd.
TP4056 ASIC-TP4056 Datasheet
969Kb / 17P
1A Linear Li-Ion Battery Charger
logo
SHENZHEN FUMAN ELECTRON...
TC4056A FUMAN-TC4056A Datasheet
1Mb / 20P
1A Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP4056H POWER-LP4056H Datasheet
416Kb / 7P
1A Standalone Linear Li-Ion Battery Charger
logo
AiT Semiconductor Inc.
A4051 AITSEMI-A4051 Datasheet
416Kb / 9P
BATTERY MANAGEMENT 1A LINEAR LI-ION BATTERY CHARGER
REV1.5
logo
Diodes Incorporated
AUR9811D DIODES-AUR9811D Datasheet
551Kb / 14P
1A LI-ION/LI POLYMER BATTERY LINEAR CHARGER
August 2019
logo
Shenzhen Tuofeng Semico...
TF4056A TUOFENG-TF4056A Datasheet
4Mb / 8P
1A Linear Li-Ion Battery Charger
May,2020 V1.5
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com