Electronic Components Datasheet Search
  English  ▼

X  

AP5057 Datasheet(PDF) 5 Page - Wuxi Chipown Micro-electronics limited

Part # AP5057
Description  1A Linear Li-Ion Battery Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

AP5057 Datasheet(HTML) 5 Page - Wuxi Chipown Micro-electronics limited

  AP5057 Datasheet HTML 1Page - Wuxi Chipown Micro-electronics limited AP5057 Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited AP5057 Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited AP5057 Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited AP5057 Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited AP5057 Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited AP5057 Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AP5057
Chipown
8/F, ChuangYuan Building No.21-1 Changjiang Road, Wuxi New Destrict Tel: +86(510)8521-7718
http://www.chipown.com.cn
Ordering Information
Part Number
Mark
Package
AP5057SPER
AP5057
XXXX1
SOP8-PP
1. XXXX= date code
Pin Function
TEMP (Pin 1): Battery temperature detection input. TEMP pin to receive the battery NTC sensor output. If the TEMP
pin voltage is less than the input voltage is greater than 45% or 80% of the input voltage means the battery temperature
is too low or too high, then the charge has been suspended.
If the TEMP direct access GND, battery temperature detection canceled, the other charged and functioning properly.
PROG (Pin 2): Charge Current Program, Charge Current Monitor and Shutdown Pin. The charge current is
programmed by connecting a 1% resistor, RPROG, to ground. When charging in trickle-current mode, this pin servos to
0.1V.When charging in constant-current mode, this pin servos to 1V. In all modes, the voltage on this pin can be used
to measure the charge current using the following formula:
IBAT = (VPROG/RPROG) • 1000.
The PROG pin can also be used to shut down the charger. Disconnecting the program resistor from ground allows a 3uA
current to pull the PROG pin high. When it reaches the 1.21V shutdown threshold voltage, the charger enters shutdown
mode, charging stops and the input supply current drops to 50uA. This pin is also clamped to approximately 2.4V.
Driving this pin to voltages beyond the clamp voltage will draw currents as high as 1.5mA. Reconnecting RPROG to
ground will return the charger to normal operation.
GND (Pin 3): Ground.
VCC (Pin 4): Positive Input Supply Voltage. Provides power to the charger, VCC can range from 4.25V to 6.5V and
should be bypassed with at least a 10uF capacitor. When VCC drops to within 30mV of the BAT pin voltage, the
AP5057 enters shutdown mode, dropping IBAT to less than 2uA.
BAT (Pin 5): Charge Current Output. Provides charge current to the battery and regulates the final float voltage to
4.2V. An internal precision resistor divider from this pin sets the float voltage which is disconnected in shutdown
mode.
STDBY (Pin 6): The completion of battery charging instructions side. When the battery charge is complete, STDBY
pulled low by internal switches, indicating the completion of charging. In addition, STDBY pin will be in a
high-impedance state.
CHRG (Pin 7): Open-Drain Charge Status Output. When the battery is charging, the CHRG pin is pulled low by an
internal N-channel MOSFET. When the charge cycle is completed, CHRG pin will be in a high-impedance state.
CE (Pin 8): Chip enable input. High input level would AP5057 is in normal working condition; low input level so that
AP5057 is prohibited charging status. CE pin can be TTL or CMOS level-level driver.
V2.0
5 / 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com