Electronic Components Datasheet Search
  English  ▼

X  

VNF9Q20F Datasheet(PDF) 46 Page - STMicroelectronics

Part # VNF9Q20F
Description  4-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9Q20F Datasheet(HTML) 46 Page - STMicroelectronics

Back Button VNF9Q20F Datasheet HTML 42Page - STMicroelectronics VNF9Q20F Datasheet HTML 43Page - STMicroelectronics VNF9Q20F Datasheet HTML 44Page - STMicroelectronics VNF9Q20F Datasheet HTML 45Page - STMicroelectronics VNF9Q20F Datasheet HTML 46Page - STMicroelectronics VNF9Q20F Datasheet HTML 47Page - STMicroelectronics VNF9Q20F Datasheet HTML 48Page - STMicroelectronics VNF9Q20F Datasheet HTML 49Page - STMicroelectronics VNF9Q20F Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 109 page
background image
OUTSRx
Output status register channels 0 to 3
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R
-
R
R/C
R
R/C
R
Address:
0x20h to 0x23h
Type:
R/C
Reset:
0
Description:
Output status register channels 0 to 3
[15]
Direct input status, image of associated DI logic level according to OTP allocation
[14]
-
[13]
Capacitive charging mode status bit
[12]
Channel feedback status. Combination of power limitation and overtemperature
[11]
VDS feedback status.
VDSHSRx bit is ‘1’ when VOUTx is lower than VDSH_TH (= VCC - 1.5 V).
If VDSHSRx is ‘1’ in on-state (after a proper delay time depending on the capacitive load connected to the output x), this is
indicative of a potential overload condition.
If VDSHSRx is ‘0’ in offstate (after a proper delay time depending on the capacitive load connected to the output x), this is
indicative of a potential fault condition stuck to VCC/open-load off state.
[10]
ITOFFSRx is ‘1’ when I²t curve protection is active and it is switching off the channel x
[9]
Output pull up generator status
[8]
Channel latch-off status. This bit is set when overload blanking time has elapse and channel is latched off. This bit must be
cleared to re-enable the output channel.
An SPI R&C operation on OUTSRx register will not clear this bit. This bit can be cleared only with a write operation on the
corresponding CHLOFFTCRx register.
[7]
Chip reset
[6]
SPI error
[5]
PWM clock frequency too low
[4]
VCC undervoltage
[3]
This bit is set if the frame temperature is greater than the threshold (140 ºC) and can be used as a temperature pre-warning.
The bit is cleared automatically when the frame temperature drops below the case-temperature reset threshold (TCR3).
[2]
This bit is set if the frame temperature is greater than the threshold (130 ºC) and can be used as a temperature pre-warning.
The bit is cleared automatically when the frame temperature drops below the case-temperature reset threshold (TCR2).
[1]
This bit is set if the frame temperature is greater than the threshold (120 ºC) and can be used as a temperature pre-warning.
The bit is cleared automatically when the frame temperature drops below the case-temperature reset threshold (TCR1).
[0]
Parity bit
Note:
The output status register reports the status of the selected channel based on the configuration register and in
case of fault condition.
VNF9Q20F
SPI functional description
DS13909 - Rev 6
page 46/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com