Electronic Components Datasheet Search
  English  ▼

X  

VNF9Q20F Datasheet(PDF) 30 Page - STMicroelectronics

Part # VNF9Q20F
Description  4-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9Q20F Datasheet(HTML) 30 Page - STMicroelectronics

Back Button VNF9Q20F Datasheet HTML 26Page - STMicroelectronics VNF9Q20F Datasheet HTML 27Page - STMicroelectronics VNF9Q20F Datasheet HTML 28Page - STMicroelectronics VNF9Q20F Datasheet HTML 29Page - STMicroelectronics VNF9Q20F Datasheet HTML 30Page - STMicroelectronics VNF9Q20F Datasheet HTML 31Page - STMicroelectronics VNF9Q20F Datasheet HTML 32Page - STMicroelectronics VNF9Q20F Datasheet HTML 33Page - STMicroelectronics VNF9Q20F Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 109 page
background image
Data Consistency Check (Parity/CRC)
For some devices a Data Consistency Check is required. Therefore, either a parity-check or for very sensitive
systems a CRC may be implemented.
It is defined on 2 bits, in the SPI Mode register located in the ROM Part. A check is then applied on the incoming
frame (SDI) while a calculation elaborated on one/multiple bits is done and integrated on the outgoing frame
(SDO).
Table 30. SPI Data Consistency Check
Bit 1
Bit 0
Description
S1
S0
0
0
Not used
0
1
Parity used
1
0
CRC used
1
1
Invalid
In case either the Parity or the CRC check is implemented it is always located at the end of the communication.
The device is equipped with the parity control check.
4.4
Outputs control
Depending on the actual device mode, outputs can be controlled by the SPI register or the direct input DIx.
SPI register SOCR
In normal mode outputs can be turned ON/OFF, applying Bit[n] = 1/0 in the SOCR register.
[n]: is the related channel, n = 0 for the channel 0, and n = 3 for channel 3.
Procedure to turn-ON the outputs in PWM operations
The status of the output drivers is configured via the SPI output control register (SOCR), the direct input enable bit
“DIENCR” in the OUTCTRCR register, the PWM mode control register (PWMFCY) and the channel control
register (CTRL). The DIENCR selects if the OUTPUTX outputs are controlled also by the direct inputs INX or only
by the SOCR. The PWMFCY bit selects if the outputs operate in PWM mode. Please refer to the following table
for Output Control details in Normal Mode.
Table 31. Output control truth table
DIENCR (OUTCFGRx)
INx
SOCRx
DUTYCR
OUTPUTx
0
X
0
X%
OFF
0
X
1
X%
PWM
1
L
0
X%
OFF
1
L
1
X%
PWM
1
H
X
X%
ON
Note:
•
In normal mode, outputs can be driven by SPI commands or a combination of SPI commands and direct
inputs INx.
•
In fail-safe mode, the outputs are controlled by the direct inputs INx regardless of SPI commands. It is
possible to apply the PWM through the DIx inputs. The PWM unit is not active in fail-safe mode, it is still
possible to access the relevant registers and to configure them.
To turn on channels, information must enter into the following registers
•
Select the PWM frequency by using the two bits PWMFCYx
VNF9Q20F
SPI functional description
DS13909 - Rev 6
page 30/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com