Electronic Components Datasheet Search
  English  ▼

X  

VNF9Q20F Datasheet(PDF) 5 Page - STMicroelectronics

Part # VNF9Q20F
Description  4-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9Q20F Datasheet(HTML) 5 Page - STMicroelectronics

  VNF9Q20F Datasheet HTML 1Page - STMicroelectronics VNF9Q20F Datasheet HTML 2Page - STMicroelectronics VNF9Q20F Datasheet HTML 3Page - STMicroelectronics VNF9Q20F Datasheet HTML 4Page - STMicroelectronics VNF9Q20F Datasheet HTML 5Page - STMicroelectronics VNF9Q20F Datasheet HTML 6Page - STMicroelectronics VNF9Q20F Datasheet HTML 7Page - STMicroelectronics VNF9Q20F Datasheet HTML 8Page - STMicroelectronics VNF9Q20F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 109 page
background image
2
Functional description
2.1
Device interfaces
•
SPI: bi-directional interface, accessing RAM/ROM registers (CSN, SCK, SDI, SDO).
•
PWM_CLK: PWM engine external clock.
•
DIx: multipurpose pins configurable through OTP.
–
MCUext bit = 1 (default): input pins for outputs control while the device is in fail-safe mode or normal
mode.
–
MCUext bit = 0: DI0 assumes digital diagnostic function while DI1 works as global I²t protection
unlatch controller (active high).
•
VREG: DC output of internal preregulator (4 V–6 V). DC supply input for the digital control part. A capacitor
in series with a resistor should be connected between this pin and GND
•
VDD: DC supply of the SPI Interface. 3.3 V and 5 V compatible. A further external diode might be
connected from VDD pin (anode) to VREG pin (cathode) to ensure a redundant supply to the digital part.
•
STDBY_NOT: Standby mode enabler (active low).
VNF9Q20F
Functional description
DS13909 - Rev 6
page 5/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com